công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 34 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 30Page - Texas Instruments PCI2050 Datasheet HTML 31Page - Texas Instruments PCI2050 Datasheet HTML 32Page - Texas Instruments PCI2050 Datasheet HTML 33Page - Texas Instruments PCI2050 Datasheet HTML 34Page - Texas Instruments PCI2050 Datasheet HTML 35Page - Texas Instruments PCI2050 Datasheet HTML 36Page - Texas Instruments PCI2050 Datasheet HTML 37Page - Texas Instruments PCI2050 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
3–10
3.15 JTAG Support
The PCI2050 implements a JTAG test port based on the IEEE Standard 1149.1,
IEEE Standard Test Access Port and
Boundary-Scan Architecture. The JTAG test port consists of the following:
A 5-wire test access port
A test access port controller
An instruction register
A bypass register
A boundary-scan register
3.15.1 Test Port Instructions
The PCI 2050 supports the following JTAG instructions:
EXTEST, BYPASS, and SAMPLE
HIGHZ and CLAMP
Private (various private instructions used by TI for test purposes)
Table 3–4. JTAG Instructions and Op Codes
INSTRUCTION
OP CODE
DESCRIPTION
EXTEST
00000
External test: drives terminals from the boundary scan register
SAMPLE
00001
Sample I/O terminals
CLAMP
00100
Drives terminals from the boundary scan register and selects the bypass register for shifts
HIGHZ
00101
Puts all outputs and I/O terminals except for the TDO terminal in a high–impedance state
BYPASS
11111
Selects the bypass register for shifts
Table 3–5. Boundary Scan Terminal Order
BOUNDARY SCAN
REGISTER NO.
PDV TERMINAL
NUMBER
GHK TERMINAL
NUMBER
TERMINAL NAME
GROUP DISABLE
REGISTER
BOUNDARY-SCAN
CELL TYPE
0
137
J15
S_AD0
19
Bidirectional
1
138
H19
S_AD1
19
Bidirectional
2
140
H17
S_AD2
19
Bidirectional
3
141
H14
S_AD3
19
Bidirectional
4
143
G19
S_AD4
19
Bidirectional
5
144
G18
S_AD5
19
Bidirectional
6
146
G14
S_AD6
19
Bidirectional
7
147
F19
S_AD7
19
Bidirectional
8
149
G15
S_C/BE0
19
Bidirectional
9
150
F17
S_AD8
19
Bidirectional
10
152
F14
S_AD9
19
Bidirectional
11
153
E18
S_M66ENA
19
Bidirectional
12
154
F15
S_AD10
19
Bidirectional
13
155
E17
MS0
Input
14
158
C15
S_AD11
19
Bidirectional
15
161
B15
S_AD12
19
Bidirectional
16
162
A15
S_AD13
19
Bidirectional
17
164
B14
S_AD14
19
Bidirectional
18
165
E13
S_AD15
19
Bidirectional
19
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com