công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 66 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 66 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 62Page - Texas Instruments PCI2050 Datasheet HTML 63Page - Texas Instruments PCI2050 Datasheet HTML 64Page - Texas Instruments PCI2050 Datasheet HTML 65Page - Texas Instruments PCI2050 Datasheet HTML 66Page - Texas Instruments PCI2050 Datasheet HTML 67Page - Texas Instruments PCI2050 Datasheet HTML 68Page - Texas Instruments PCI2050 Datasheet HTML 69Page - Texas Instruments PCI2050 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
5–10
5.13 Power Management Control/Status Register
The power management control/status register determines and changes the current power state of the PCI2050. The
contents of this register are not affected by the internally generated reset caused by the transition from D3hot to D0
state.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management control/status
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Power management control/status
Type:
Read-only, Read/Write
Offset:
E0h
Default:
0000h
Table 5–11. Power Management Control/Status Register
BIT
TYPE
FUNCTION
15
R
PME status. This bit returns a 0 when read because the PCI2050 does not support PME.
14–13
R
Data scale. This two-bit read-only field indicates the scaling factor to be used when interpreting the value of the
data register. These bits return only 00b, because the data register is not implemented.
12–9
R
Data select. This four-bit field is used to select which data is to be reported through the data register and
data-scale field. These bits return only 0000b, because the data register is not implemented.
8
R
PME enable. This bit returns a 0 when read because the PCI2050 does not support PME signaling.
7–2
R
Reserved. Bits 7–2 return 0s when read.
1–0
R/W
Power state. This two-bit field is used both to determine the current power state of a function and to set the function
into a new power state. The definition of this is given below:
00 – D0
01 – D1
10 – D2
11 – D3hot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com