công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 16Page - Texas Instruments PCI2050 Datasheet HTML 17Page - Texas Instruments PCI2050 Datasheet HTML 18Page - Texas Instruments PCI2050 Datasheet HTML 19Page - Texas Instruments PCI2050 Datasheet HTML 20Page - Texas Instruments PCI2050 Datasheet HTML 21Page - Texas Instruments PCI2050 Datasheet HTML 22Page - Texas Instruments PCI2050 Datasheet HTML 23Page - Texas Instruments PCI2050 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
2–8
Table 2–6. Primary PCI Interface Control
TERMINAL
NAME
PDV
NO.
GHK
NO.
I/O
DESCRIPTION
P_DEVSEL
84
P11
I/O
Primary device select. The bridge asserts P_DEVSEL to claim a PCI cycle as the target device. As
a PCI initiator on the primary bus, the bridge monitors P_DEVSEL until a target responds. If no target
responds before time-out occurs, then the bridge terminates the cycle with an initiator abort.
P_FRAME
80
P10
I/O
Primary cycle frame. P_FRAME is driven by the initiator of a primary bus cycle. P_FRAME is asserted
to indicate that a bus transaction is beginning, and data transfers continue while this signal is asserted.
When P_FRAME is deasserted, the primary bus transaction is in the final data phase.
P_GNT
46
P3
I
Primary bus grant to bridge. P_GNT is driven by the primary PCI bus arbiter to grant the bridge access
to the primary PCI bus after the current data transaction has completed. P_GNT may or may not follow
a primary bus request, depending on the primary bus parking algorithm.
P_IDSEL
65
V7
I
Primary initialization device select. P_IDSEL selects the bridge during configuration space accesses.
P_IDSEL can be connected to one of the upper 24 PCI address lines on the primary PCI bus.
Note: There is no IDSEL signal interfacing the secondary PCI bus; thus, the entire configuration space
of the bridge can only be accessed from the primary bus.
P_IRDY
82
V11
I/O
Primary initiator ready. P_IRDY indicates ability of the primary bus initiator to complete the current data
phase of the transaction. A data phase is completed on a rising edge of P_CLK where both P_IRDY
and P_TRDY are asserted. Until P_IRDY and P_TRDY are both sampled asserted, wait states are
inserted.
P_LOCK
87
V12
I/O
Primary PCI bus lock. P_LOCK is used to lock the primary bus and gain exclusive access as an initiator.
P_PAR
90
R12
I/O
Primary parity. In all primary bus read and write cycles, the bridge calculates even parity across the
P_AD and P_C/BE buses. As an initiator during PCI write cycles, the bridge outputs this parity indicator
with a one-P_CLK delay. As a target during PCI read cycles, the calculated parity is compared to the
parity indicator of the initiator; a miscompare can result in a parity error assertion (P_PERR).
P_PERR
88
U12
I/O
Primary parity error indicator. P_PERR is driven by a primary bus PCI device to indicate that calculated
parity does not match P_PAR when P_PERR is enabled through bit 6 of the command register.
P_REQ
47
R1
O
Primary PCI bus request. Asserted by the bridge to request access to the primary PCI bus as an
initiator.
P_SERR
89
P12
O
Primary system error. Output pulsed from the bridge when enabled through the command register
indicating a system error has occurred. The bridge needs not be the target of the primary PCI cycle
to assert this signal. When bit 6 is enabled in the bridge control register (offset 3Eh, see Section 4.32),
this signal also pulses indicating that a system error has occurred on one of the subordinate buses
downstream from the bridge.
P_STOP
85
R11
I/O
Primary cycle stop signal. This signal is driven by a PCI target to request the initiator to stop the current
primary bus transaction. This signal is used for target disconnects and is commonly asserted by target
devices which do not support burst data transfers.
P_TRDY
83
U11
I/O
Primary target ready. P_TRDY indicates the ability of the primary bus target to complete the current
data phase of the transaction. A data phase is completed upon a rising edge of P_CLK where both
P_IRDY and P_TRDY are asserted. Until both P_IRDY and P_TRDY are asserted, wait states are
inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com