công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 32 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 28Page - Texas Instruments PCI2050 Datasheet HTML 29Page - Texas Instruments PCI2050 Datasheet HTML 30Page - Texas Instruments PCI2050 Datasheet HTML 31Page - Texas Instruments PCI2050 Datasheet HTML 32Page - Texas Instruments PCI2050 Datasheet HTML 33Page - Texas Instruments PCI2050 Datasheet HTML 34Page - Texas Instruments PCI2050 Datasheet HTML 35Page - Texas Instruments PCI2050 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
3–8
30
µs and 993 µs, respectively). PCI Local Bus Specification recommends that a bridge wait 215 PCI clocks before
discarding the transaction data or status.
The PCI2050 implements a discard timer for use in delayed transactions. After a delayed transaction is completed
on the destination bus, the bridge may discard it under two conditions. The first condition occurs when a read
transaction is made to a region of memory that is inside a defined prefetchable memory region, or when the command
is a memory read line or a memory read multiple, implying that the memory region is prefetchable. The other condition
occurs when the master originating the transaction (either a read or a write, prefetchable or nonprefetchable) has not
retried the transaction within 210 or 215 clocks. The number of clocks is tracked by a timer referred to as the discard
timer. When the discard timer expires, the bridge is required to discard the data. The PCI2050 default value for the
discard timer is 215 clocks; however, this value can be set to 210 clocks by setting bit 9 in the bridge control register
(offset 3Eh, see Section 4.32). For more information on the discard timer, see
error conditions in PCI Local Bus
Specification.
3.12 Delayed Transactions
The bridge supports delayed transactions as defined in
PCI Local Bus Specification. A target must be able to complete
the initial data phase in 16 PCI clocks or less from the assertion of the cycle frame (FRAME), and subsequent data
phases must complete in eight PCI clocks or less. A delayed transaction consists of three phases:
An initiator device issues a request.
The target completes the request on the destination bus and signals the completion to the initiator.
The initiator completes the request on the originating bus.
If the bridge is the target of a PCI transaction and it must access a slow device to write or read the requested data,
and the transaction takes longer than 16 clocks, then the bridge must latch the address, the command, and the byte
enables, and then issue a retry to the initiator. The initiator must end the transaction without any transfer of data and
is required to retry the transaction later using the same address, command, and byte enables. This is the first phase
of the delayed transaction.
During the second phase, if the transaction is a read cycle, the bridge fetches the requested data on the destination
bus, stores it internally, and obtains the completion status, thus completing the transaction on the destination bus.
If it is a write transaction, then the bridge writes the data and obtains the completion status, thus completing the
transaction on the destination bus. The bridge stores the completion status until the master on the initiating bus retries
the initial request.
During the third phase, the initiator rearbitrates for the bus. When the bridge sees the initiator retry the transaction,
it compares the second request to the first request. If the address, command, and byte enables match the values
latched in the first request, then the completion status (and data if the request was a read) is transferred to the initiator.
At this point, the delayed transaction is complete. If the second request from the initiator does not match the first
request exactly, then the bridge issues another retry to the initiator.
The PCI supports up to three delayed transactions in each direction at any given time.
3.13 Mode Selection
Table 3–3 shows the mode selection via MS0 (PDV terminal 155, GHK terminal E17) and MS1 (PDV terminal 106,
GHK terminal R17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com