công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 30 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 30 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 26Page - Texas Instruments PCI2050 Datasheet HTML 27Page - Texas Instruments PCI2050 Datasheet HTML 28Page - Texas Instruments PCI2050 Datasheet HTML 29Page - Texas Instruments PCI2050 Datasheet HTML 30Page - Texas Instruments PCI2050 Datasheet HTML 31Page - Texas Instruments PCI2050 Datasheet HTML 32Page - Texas Instruments PCI2050 Datasheet HTML 33Page - Texas Instruments PCI2050 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
3–6
bus grant terminals. Including the bridge, there are a total of ten potential secondary bus masters. These request and
grant signals are connected to the internal arbiter. When an external arbiter is implemented, S_REQ8–S_REQ1 and
S_GNT8–S_GNT1 are placed in a high impedance mode.
3.6.3
External Secondary Bus Arbitration
An external secondary bus arbiter can be used instead of the PCI2050 internal bus arbiter. When using an external
arbiter, the PCI2050 internal arbiter should be disabled by pulling S_CFN high.
When an external secondary bus arbiter is used, the PCI2050 internally reconfigures the S_REQ0 and S_GNT0
signals so that S_REQ0 becomes the secondary bus grant for the bridge and S_GNT0 becomes the secondary bus
request for the bridge. This is done because S_REQ0 is an input and can thus be used to provide the grant input to
the bridge, and S_GNT0 is an output and can thus provide the request output from the bridge.
When an external arbiter is used, all unused secondary bus grant outputs (S_GNT8–S_GNT1) are placed in a high
impedance mode. Any unused secondary bus request inputs (S_REQ8–S_REQ1) should be pulled high to prevent
the inputs from oscillating.
3.7
Decode Options
The PCI2050 supports positive decoding on the primary interface and negative decoding on the secondary interface.
Positive decoding is a method of address decoding in which a device responds only to accesses within an assigned
address range. Negative decoding is a method of address decoding in which a device responds only to accesses
outside of an assigned address range.
3.8
System Error Handling
The PCI2050 can be configured to signal a system error (SERR) for a variety of conditions. The P_SERR event
disable register (offset 64h, see Section 5.4) and the P_SERR status register (offset 6Ah, see Section 5.9) provide
control and status bits for each condition for which the bridge can signal SERR. These individual bits enable SERR
reporting for both downstream and upstream transactions.
By default, the PCI2050 will not signal SERR. If the PCI2050 is configured to signal SERR by setting bit 8 in the
command register (offset 04h, see Section 4.3), then the bridge signals SERR if any of the error conditions in the
P_SERR event disable register occur and that condition is enabled. By default, all error conditions are enabled in the
P_SERR event disable register. When the bridge signals SERR, bit 14 in the secondary status register (offset 1Eh,
see Section 4.19) is set.
3.8.1
Posted Write Parity Error
If bit 1 in the P_SERR event disable register (offset 64h, see Section 5.4) is 0, then parity errors on the target bus
during a posted write are passed to the initiating bus as a SERR. When this occurs, bit 1 of the P_SERR status register
(offset 6Ah, see Section 5.9) is set. The status bit is cleared by writing a 1.
3.8.2
Posted Write Timeout
If bit 2 in the P_SERR event disable register (offset 64h, see Section 5.4) is 0 and the retry timer expires while
attempting to complete a posted write, then the PCI2050 signals SERR on the initiating bus. When this occurs, bit 2
of the P_SERR status register (offset 6Ah, see Section 5.9) is set. The status bit is cleared by writing a 1.
3.8.3
Target Abort on Posted Writes
If bit 3 in the P_SERR event disable register (offset 64h, see Section 5.4) is 0 and the bridge receives a target abort
during a posted write transaction, then the PCI2050 signals SERR on the initiating bus. When this occurs, bit 3 of
the P_SERR status register (offset 6Ah, see Section 5.9) is set. The status bit is cleared by writing a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com