công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 31 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 27Page - Texas Instruments PCI2050 Datasheet HTML 28Page - Texas Instruments PCI2050 Datasheet HTML 29Page - Texas Instruments PCI2050 Datasheet HTML 30Page - Texas Instruments PCI2050 Datasheet HTML 31Page - Texas Instruments PCI2050 Datasheet HTML 32Page - Texas Instruments PCI2050 Datasheet HTML 33Page - Texas Instruments PCI2050 Datasheet HTML 34Page - Texas Instruments PCI2050 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
3–7
3.8.4
Master Abort on Posted Writes
If bit 4 in the P_SERR event disable register (offset 64h, see Section 5.4) is 0 and a posted write transaction results
in a master abort, then the PCI2050 signals SERR on the initiating bus. When this occurs, bit 4 of the P_SERR status
register (offset 6Ah, see Section 5.9) is set. The status bit is cleared by writing a 1.
3.8.5
Master Delayed Write Timeout
If bit 5 in the P_SERR event disable register (offset 64h, see Section 5.4) is 0 and the retry timer expires while
attempting to complete a delayed write, then the PCI2050 signals SERR on the initiating bus. When this occurs, bit 5
of the P_SERR status register (offset 6Ah, see Section 5.9) is set. The status bit is cleared by writing a 1.
3.8.6
Master Delayed Read Timeout
If bit 6 in the P_SERR event disable register (offset 64h, see Section 5.4) is 0 and the retry timer expires while
attempting to complete a delayed read, then the PCI2050 signals SERR on the initiating bus. When this occurs, bit 6
of the P_SERR status register (offset 6Ah, see Section 5.9) is set. The status bit is cleared by writing a 1.
3.8.7
Secondary SERR
The PCI2050 passes SERR from the secondary bus to the primary bus if it is enabled for SERR response (bit 8 in
the command register (offset 04h, see Section 4.3) is 1) and bit 1 in the bridge control register (offset 3Eh, see
Section 4.32) is set.
3.9
Parity Handling and Parity Error Reporting
When forwarding transactions, the PCI2050 attempts to pass the data parity condition from one interface to the other
unchanged, whenever possible, to allow the master and target devices to handle the error condition.
3.9.1
Address Parity Error
If the parity error response bit (bit 6) in the command register (offset 04h, see Section 4.3) is set, then the PCI2050
signals SERR on address parity errors and target abort transactions.
3.9.2
Data Parity Error
If the parity error response bit (bit 6) in the command register (offset 04h, see Section 4.3) is set, then the PCI2050
signals PERR when it receives bad data. When the bridge detects bad parity, bit 15 (detected parity error) in the status
register (offset 06h, see Section 4.4) is set.
If the bridge is configured to respond to parity errors via bit 6 in the command register (offset 04h, see Section 4.3),
then bit 8 (data parity error detected) in the status register (offset 06h, see Section 4.4) is set when the bridge detects
bad parity. The data parity error detected bit is also set when the bridge, as a bus master, asserts PERR or detects
PERR.
3.10 Master and Target Abort Handling
If the PCI2050 receives a target abort during a write burst, then it signals target abort back on the initiator bus. If it
receives a target abort during a read burst, then it provides all of the valid data on the initiator bus and disconnects.
Target aborts for posted and nonposted transactions are reported as specified in the
PCI-to-PCI Bridge Specification.
Master aborts for posted and nonposted transactions are reported as specified in the
PCI-to-PCI Bridge Specification.
If a transaction is attempted on the primary bus after a secondary reset is asserted, then the PCI2050 follows bit 5
(master abort mode) in the bridge control register (offset 3Eh, see Section 4.32) for reporting errors.
3.11 Discard Timer
The PCI2050 is free to discard the data or status of a delayed transaction that was completed with a delayed
transaction termination when a bus master has not repeated the request within 210 or 215 PCI clocks (approximately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com