công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 19 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 15Page - Texas Instruments PCI2050 Datasheet HTML 16Page - Texas Instruments PCI2050 Datasheet HTML 17Page - Texas Instruments PCI2050 Datasheet HTML 18Page - Texas Instruments PCI2050 Datasheet HTML 19Page - Texas Instruments PCI2050 Datasheet HTML 20Page - Texas Instruments PCI2050 Datasheet HTML 21Page - Texas Instruments PCI2050 Datasheet HTML 22Page - Texas Instruments PCI2050 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 81 page
background image
2–7
Table 2–4. Primary PCI System
TERMINAL
NAME
PDV
NO.
GHK
NO.
I/O
DESCRIPTION
P_CLK
45
N5
I
Primary PCI bus clock. P_CLK provides timing for all transactions on the primary PCI bus. All primary PCI
signals are sampled at rising edge of P_CLK.
P_RST
43
P1
I
PCI reset. When the primary PCI bus reset is asserted, P_RST causes the bridge to put all output buffers
in a high–impedance state and reset all internal registers. When asserted, the device is completely
nonfunctional. During P_RST, the secondary interface is driven low. After P_RST is deasserted, the bridge
is in its default state.
Table 2–5. Primary PCI Address and Data
TERMINAL
NAME
PDV
NO.
GHK
NO.
I/O
DESCRIPTION
P_AD31
P_AD30
P_AD29
P_AD28
P_AD27
P_AD26
P_AD25
P_AD24
P_AD23
P_AD22
P_AD21
P_AD20
P_AD19
P_AD18
P_AD17
P_AD16
P_AD15
P_AD14
P_AD13
P_AD12
P_AD11
P_AD10
P_AD9
P_AD8
P_AD7
P_AD6
P_AD5
P_AD4
P_AD3
P_AD2
P_AD1
P_AD0
49
50
55
57
58
60
61
63
67
68
70
71
73
74
76
77
93
95
96
98
99
101
107
109
112
113
115
116
118
119
121
122
R2
P5
R6
V5
W5
V6
R7
P8
R8
U8
W8
W9
U9
R9
W10
V10
U13
W14
V14
U14
W15
V15
P15
R18
P18
N15
M14
N17
N19
M15
M18
M19
I/O
Primary address/data bus. These signals make up the multiplexed PCI address and data bus on the
primary interface. During the address phase of a primary bus PCI cycle, P_AD31–P_AD0 contain a
32-bit address or other destination information. During the data phase, P_AD31–P_AD0 contain data.
P_C/BE3
P_C/BE2
P_C/BE1
P_C/BE0
64
79
92
110
U7
R10
V13
R19
I/O
Primary bus commands and byte enables. These signals are multiplexed on the same PCI terminals.
During the address phase of a primary bus PCI cycle, P_C/BE3–P_C/BE0 define the bus command.
During the data phase, this 4-bit bus is used as byte enables. The byte enables determine which byte
paths of the full 32-bit data bus carry meaningful data. P_C/BE0 applies to byte 0 (P_AD7–P_AD0),
P_C/BE1 applies to byte 1 (P_AD15–P_AD8), P_C/BE2 applies to byte 2 (P_AD23–P_AD16), and
P_C/BE3 applies to byte 3 (P_AD31–P_AD24).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com