công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 44 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 44 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 40Page - Texas Instruments PCI2050 Datasheet HTML 41Page - Texas Instruments PCI2050 Datasheet HTML 42Page - Texas Instruments PCI2050 Datasheet HTML 43Page - Texas Instruments PCI2050 Datasheet HTML 44Page - Texas Instruments PCI2050 Datasheet HTML 45Page - Texas Instruments PCI2050 Datasheet HTML 46Page - Texas Instruments PCI2050 Datasheet HTML 47Page - Texas Instruments PCI2050 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
4–4
4.4
Status Register
The status register provides device information to the host system. Bits in this register are cleared by writing a 1 to
the respective bit; writing a 0 to a bit location has no effect. Table 4–3 describes the status register.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Status
Type
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
Register:
Status
Type:
Read-only, read/write (see individual bit descriptions)
Offset:
06h
Default:
0210h
Table 4–3. Status Register
BIT
TYPE
FUNCTION
15
R/W
Detected parity error. Bit 15 is set when a parity error is detected.
14
R/W
Signaled system error (SERR). Bit 14 is set if SERR is enabled in the command register (offset 04h, see Section 4.3) and
the bridge signals a system error (SERR). See Section 3.8, System Error Handling.
0 = No SERR signaled (default)
1 = Signals SERR
13
R/W
Received master abort. Bit 13 is set when a cycle initiated by the bridge on the primary bus has been terminated by a master
abort.
0 = No master abort received (default)
1 = Master abort received
12
R/W
Received target abort. Bit 12 is set when a cycle initiated by the bridge on the primary bus has been terminated by a target
abort.
0 = No target abort received (default)
1 = Target abort received
11
R/W
Signaled target abort. Bit 11 is set by the bridge when it terminates a transaction on the primary bus with a target abort.
0 = No target abort signaled by the bridge (default)
1 = Target abort signaled by the bridge
10–9
R
DEVSEL timing. These read-only bits encode the timing of P_DEVSEL and are hardwired 01b, indicating that the bridge
asserts this signal at a medium speed.
8
R/W
Data parity error detected. Bit 8 is encoded as:
0 = The conditions for setting this bit have not been met. No parity error detected. (default)
1 = A data parity error occurred and the following conditions were met:
a. P_PERR was asserted by any PCI device including the bridge.
b. The bridge was the bus master during the data parity error.
c. The parity error response bit (bit 6) is set in the command register (offset 04h, see Section 4.3).
7
R
Fast back-to-back capable. The bridge does not support fast back-to-back transactions as a target; therefore, bit 7 is
hardwired to 0.
6
R
User-definable feature (UDF) support. The PCI2050 does not support the user-definable features; therefore, bit 6 is
hardwired to 0.
5
R
66-MHz capable. The PCI2050 operates at a maximum P_CLK frequency of 33 MHz; therefore, bit 5 is hardwired to 0.
4
R
Capabilities list. Bit 4 is read-only and is hardwired to 1, indicating that capabilities additional to standard PCI are
implemented. The linked list of PCI power management capabilities is implemented by this function.
3–0
R
Reserved. Bits 3–0 return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com