công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 23Page - Texas Instruments PCI2050 Datasheet HTML 24Page - Texas Instruments PCI2050 Datasheet HTML 25Page - Texas Instruments PCI2050 Datasheet HTML 26Page - Texas Instruments PCI2050 Datasheet HTML 27Page - Texas Instruments PCI2050 Datasheet HTML 28Page - Texas Instruments PCI2050 Datasheet HTML 29Page - Texas Instruments PCI2050 Datasheet HTML 30Page - Texas Instruments PCI2050 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
3–3
bridge does not recognize the configuration command. In this case, the bridge does not assert DEVSEL, and the
configuration transaction results in a master abort. The bridge services valid type 0 configuration read or write cycles
by accessing internal registers from the configuration header (see Table 4–1).
Because type 1 configuration cycles are issued to devices on subordinate buses, the bridge claims type 1 cycles
based on the bus number of the destination bus. The P_AD bus encoding during the address phase of a type 1 cycle
is shown in Figure 3–3. The device number and bus number fields define the destination bus and device for the cycle.
31
24
23
16
15
11
10
8
72
1
0
Reserved
Bus Number
Device
Number
Function
Number
Register
Number
0
1
Figure 3–3. PCI AD31–AD0 During Address Phase of a Type 1 Configuration Cycle
Several bridge configuration registers shown in Table 4–1 are significant when decoding and claiming type 1
configuration cycles. The destination bus number encoded on the P_AD bus is compared to the values programmed
in the bridge configuration registers 18h, 19h, and 1Ah, which are the primary bus number, secondary bus number,
and subordinate bus number registers, respectively. These registers default to 00h and are programmed by host
software to reflect the bus hierarchy in the system (see Figure 3–4 for an example of a system bus hierarchy and how
the PCI2050 bus number registers would be programmed in this case).
When the PCI2050 claims a type 1 configuration cycle that has a bus number equal to its secondary bus number,
the PCI2050 converts the type 1 configuration cycle to a type 0 configuration cycle and asserts the proper S_AD line
as the IDSEL (see Table 3–2). All other type 1 transactions that access a bus number greater than the bridge
secondary bus number but less than or equal to its subordinate bus number are forwarded as type 1 configuration
cycles.
Table 3–2. PCI S_AD31–S_AD16 During the Address
Phase of a Type 0 Configuration Cycle
DEVICE
NUMBER
SECONDARY IDSEL
S_AD31–S_AD16
S_AD
ASSERTED
0h
0000 0000 0000 0001
16
1h
0000 0000 0000 0010
17
2h
0000 0000 0000 0100
18
3h
0000 0000 0000 1000
19
4h
0000 0000 0001 0000
20
5h
0000 0000 0010 0000
21
6h
0000 0000 0100 0000
22
7h
0000 0000 1000 0000
23
8h
0000 0001 0000 0000
24
9h
0000 0010 0000 0000
25
Ah
0000 0100 0000 0000
26
Bh
0000 1000 0000 0000
27
Ch
0001 0000 0000 0000
28
Dh
0010 0000 0000 0000
29
Eh
0100 0000 0000 0000
30
Fh
1000 0000 0000 0000
31
10h–1Eh
0000 0000 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com