công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 50 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 50 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 46Page - Texas Instruments PCI2050 Datasheet HTML 47Page - Texas Instruments PCI2050 Datasheet HTML 48Page - Texas Instruments PCI2050 Datasheet HTML 49Page - Texas Instruments PCI2050 Datasheet HTML 50Page - Texas Instruments PCI2050 Datasheet HTML 51Page - Texas Instruments PCI2050 Datasheet HTML 52Page - Texas Instruments PCI2050 Datasheet HTML 53Page - Texas Instruments PCI2050 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
4–10
4.19 Secondary Status Register
The secondary status register is similar in function to the status register (offset 06h, see Section 4.4); however, its
bits reflect status conditions of the secondary interface. Bits in this register are cleared by writing a 1 to the respective
bit.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Secondary status
Type
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
Register:
Secondary status
Type:
Read-only, read/write (see individual bit descriptions)
Offset:
1Eh
Default:
0200h
Table 4–4. Secondary Status Register
BIT
TYPE
FUNCTION
15
R/W
Detected parity error. Bit 15 is set when a parity error is detected on the secondary interface.
0 = No parity error detected on the secondary bus (default)
1 = Parity error detected on the secondary bus
14
R/W
Received system error. Bit 14 is set when the secondary interface detects S_SERR asserted. Note that the bridge never
asserts S_SERR.
0 = No S_SERR detected on the secondary bus (default)
1 = S_SERR detected on the secondary bus
13
R/W
Received master abort. Bit 13 is set when a cycle initiated by the bridge on the secondary bus has been terminated by a
master abort.
0 = No master abort received (default)
1 = Bridge master aborted the cycle
12
R/W
Received target abort. Bit 12 is set when a cycle initiated by the bridge on the secondary bus has been terminated by a target
abort.
0 = No target abort received (default)
1 = Bridge received a target abort
11
R/W
Signaled target abort. Bit 11 is set by the bridge when it terminates a transaction on the secondary bus with a target abort.
0 = No target abort signaled (default)
1 = Bridge signaled a target abort
10–9
R
DEVSEL timing. These read-only bits encode the timing of S_DEVSEL and are hardwired to 01b, indicating that the bridge
asserts this signal at a medium speed.
8
R/W
Data parity error detected.
0 = The conditions for setting this bit have not been met
1 = A data parity error occurred and the following conditions were met:
a. S_PERR was asserted by any PCI device including the bridge.
b. The bridge was the bus master during the data parity error.
c. The parity error response bit (bit 1) is set in the bridge control register (offset 3Eh, see Section 4.32).
7
R
Fast back-to-back capable. Bit 7 is hardwired to 0.
6
R
User-definable feature (UDF) support. Bit 6 is hardwired to 0.
5
R
66 MHz capable. Bit 5 is hardwired to 0.
4–0
R
Reserved. Bits 4–0 return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com