công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 63 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 63 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 59Page - Texas Instruments PCI2050 Datasheet HTML 60Page - Texas Instruments PCI2050 Datasheet HTML 61Page - Texas Instruments PCI2050 Datasheet HTML 62Page - Texas Instruments PCI2050 Datasheet HTML 63Page - Texas Instruments PCI2050 Datasheet HTML 64Page - Texas Instruments PCI2050 Datasheet HTML 65Page - Texas Instruments PCI2050 Datasheet HTML 66Page - Texas Instruments PCI2050 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
5–7
5.8
Secondary Clock Control Register
The secondary clock control register is used to control the secondary clock outputs.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Secondary clock control
Type
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Secondary clock control
Type:
Read-only, Read/Write
Offset:
68h
Default:
0000h
Table 5–8. Secondary Clock Control Register
BIT
TYPE
FUNCTION
15
R
Reserved. Bits 15 returns 0 when read.
14
R/W
Clockout10 disable.
0 = Clockout10 enabled (default).
1 = Clockout10 disabled and driven high.
13
R/W
Clockout9 disable.
0 = Clockout9 enabled (default).
1 = Clockout9 disabled and driven high.
12
R/W
Clockout8 disable.
0 = Clockout8 enabled (Default).
1 = Clockout8 disabled and driven high.
11
R/W
Clockout7 disable.
0 = Clockout7 enabled (default).
1 = Clockout7 disabled and driven high.
10
R/W
Clockout6 disable.
0 = Clockout6 enabled (default).
1 = Clockout6 disabled and driven high.
9
R/W
Clockout5 disable.
0 = Clockout5 enabled (default).
1 = Clockout5 disabled and driven high.
8
R/W
Clockout4 disable.
0 = Clockout4 enabled (default).
1 = Clockout4 disabled and driven high.
7–6
R/W
Clockout3 disable.
00, 01, 10 = Clockout3 enabled (00 is the default).
11 = Clockout3 disabled and driven high.
5–4
R/W
Clockout2 disable.
00, 01, 10 = Clockout2 enabled (00 is the default).
11 = Clockout2 disabled and driven high.
3–2
R/W
Clockout1 disable.
00, 01, 10 = Clockout1 enabled (00 is the default).
11 = Clockout1 disabled and driven high.
1–0
R/W
Clockout0 disable.
00, 01, 10 = Clockout0 enabled (00 is the default).
11 = Clockout0 disabled and driven high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com