| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCI2050 bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI2050 bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 81 page ![]() 3–5 PCI2050 PCI Device S_CLKOUT3 PCI Device PCI Device PCI Device S_CLKOUT2 S_CLKOUT1 S_CLKOUT0 S_CLKOUT9 S_CLK Figure 3–5. Secondary Clock Block Diagram 3.6 Bus Arbitration The PCI2050 implements bus request (P_REQ) and bus grant (P_GNT) terminals for primary PCI bus arbitration. Nine secondary bus requests and nine secondary bus grants are provided on the secondary of the PCI2050. Ten potential initiators, including the bridge, can be located on the secondary bus. The PCI2050 provides a two-tier arbitration scheme on the secondary bus for priority bus-master handling. The two-tier arbitration scheme improves performance in systems in which master devices do not all require the same bandwidth. Any master that requires frequent use of the bus can be programmed to be in the higher priority tier. 3.6.1 Primary Bus Arbitration The PCI2050, acting as an initiator on the primary bus, asserts P_REQ when forwarding transactions upstream to the primary bus. If a target disconnect, a target retry, or a target abort is received in response to a transaction initiated on the primary bus by the PCI2050, then the device deasserts P_REQ for two PCI clock cycles. When the primary bus arbiter asserts P_GNT in response to a P_REQ from the PCI2050, the device initiates a transaction on the primary bus during the next PCI clock cycle after the primary bus is sampled idle. When P_REQ is not asserted and the primary bus arbiter asserts P_GNT to the PCI2050, the device responds by parking the P_AD31–P_AD0 bus, the C/BE3–C/BE0 bus, and primary parity (P_PAR) by driving them to valid logic levels. If the PCI2050 is parking the primary bus and wants to initiate a transaction on the bus, then it can start the transaction on the next PCI clock by asserting the primary cycle frame (P_FRAME) while P_GNT is still asserted. If P_GNT is deasserted, then the bridge must rearbitrate for the bus to initiate a transaction. 3.6.2 Internal Secondary Bus Arbitration S_CFN controls the state of the secondary internal arbiter. The internal arbiter can be enabled by pulling S_CFN low or disabled by pulling S_CFN high. The PCI2050 provides nine secondary bus request terminals and nine secondary |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |