công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 61 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 61 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 57Page - Texas Instruments PCI2050 Datasheet HTML 58Page - Texas Instruments PCI2050 Datasheet HTML 59Page - Texas Instruments PCI2050 Datasheet HTML 60Page - Texas Instruments PCI2050 Datasheet HTML 61Page - Texas Instruments PCI2050 Datasheet HTML 62Page - Texas Instruments PCI2050 Datasheet HTML 63Page - Texas Instruments PCI2050 Datasheet HTML 64Page - Texas Instruments PCI2050 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
5–5
5.5
GPIO Output Data Register
The GPIO output data register controls the data driven on the GPIO terminals configured as outputs.
Bit
7
6
5
4
3
2
1
0
Name
GPIO output data
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
GPIO output data
Type:
Read/Write
Offset:
65h
Default:
00h
Table 5–5. GPIO Output Data Register
BIT
TYPE
FUNCTION
7–4
R/W
GPIO3–GPIO0 output high. Writing a 1 to any of these bits causes the corresponding GPIO signal to be driven high. Writing
a 0 has no effect. GPIO terminals programmed as inputs are not affected by these bits.
3–0
R/W
GPIO3–GPIO0 output low. Writing a 1 to any of these bits causes the corresponding GPIO signal to be driven low. Writing
a 0 has no effect. GPIO terminals programmed as inputs are not affected by these bits.
5.6
GPIO Output Enable Register
The GPIO output enable register controls the direction of the GPIO signal. By default all GPIO terminals are inputs.
Bit
7
6
5
4
3
2
1
0
Name
GPIO output enable
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
GPIO output enable
Type:
Read/Write
Offset:
66h
Default:
00h
Table 5–6. GPIO Output Enable Register
BIT
TYPE
FUNCTION
7–4
R/W
GPIO3–GPIO0 output enable. Writing a 1 to any of these bits causes the corresponding GPIO signal to be configured as
an output. Writing a 0 has no effect.
3–0
R/W
GPIO3–GPIO0 input enable. Writing a 1 to any of these bits causes the corresponding GPIO signal to be configured as an
input. Writing a 0 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com