công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 18Page - Texas Instruments PCI2050 Datasheet HTML 19Page - Texas Instruments PCI2050 Datasheet HTML 20Page - Texas Instruments PCI2050 Datasheet HTML 21Page - Texas Instruments PCI2050 Datasheet HTML 22Page - Texas Instruments PCI2050 Datasheet HTML 23Page - Texas Instruments PCI2050 Datasheet HTML 24Page - Texas Instruments PCI2050 Datasheet HTML 25Page - Texas Instruments PCI2050 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
2–10
Table 2–8. Secondary PCI Address and Data
TERMINAL
NAME
PDV
NO.
GHK
NO.
I/O
DESCRIPTION
S_AD31
S_AD30
S_AD29
S_AD28
S_AD27
S_AD26
S_AD25
S_AD24
S_AD23
S_AD22
S_AD21
S_AD20
S_AD19
S_AD18
S_AD17
S_AD16
S_AD15
S_AD14
S_AD13
S_AD12
S_AD11
S_AD10
S_AD9
S_AD8
S_AD7
S_AD6
S_AD5
S_AD4
S_AD3
S_AD2
S_AD1
S_AD0
206
204
203
201
200
198
197
195
192
191
189
188
186
185
183
182
165
164
162
161
159
154
152
150
147
146
144
143
141
140
138
137
E6
F6
A5
E7
B6
F7
C7
A7
C8
B8
E9
F9
B9
A9
E10
C10
E13
B14
A15
B15
E14
F15
F14
F17
F19
G14
G18
G19
H14
H17
H19
J15
I/O
Secondary address/data bus. These signals make up the multiplexed PCI address and data bus on
the secondary interface. During the address phase of a secondary bus PCI cycle, S_AD31–S_AD0
contain a 32-bit address or other destination information. During the data phase, S_AD31–S_AD0
contain data.
S_C/BE3
S_C/BE2
S_C/BE1
S_C/BE0
194
180
167
149
E8
A10
F12
G15
I/O
Secondary bus commands and byte enables. These signals are multiplexed on the same PCI
terminals. During the address phase of a secondary bus PCI cycle, S_C/BE3–S_C/BE0 define the bus
command. During the data phase, this 4-bit bus is used as byte enables. The byte enables determine
which byte paths of the full 32-bit data bus carry meaningful data. S_C/BE0 applies to byte 0
(S_AD7–S_AD0), S_C/BE1 applies to byte 1 (S_AD15–S_AD8), S_C/BE2 applies to byte 2
(S_AD23–S_AD16), and S_C/BE3 applies to byte 3 (S_AD31–S_AD24).
S_DEVSEL
175
A11
I/O
Secondary device select. The bridge asserts S_DEVSEL to claim a PCI cycle as the target device. As
a PCI initiator on the secondary bus, the bridge monitors S_DEVSEL until a target responds. If no target
responds before timeout occurs, then the bridge terminates the cycle with an initiator abort.
S_FRAME
179
F11
I/O
Secondary cycle frame. S_FRAME is driven by the initiator of a secondary bus cycle. S_FRAME is
asserted to indicate that a bus transaction is beginning and data transfers continue while S_FRAME
is asserted. When S_FRAME is deasserted, the secondary bus transaction is in the final data phase.
S_GNT8
S_GNT7
S_GNT6
S_GNT5
S_GNT4
S_GNT3
S_GNT2
S_GNT1
S_GNT0
19
18
17
16
15
14
13
11
10
J1
H1
H2
H3
H5
G1
G2
H6
F1
O
Secondary bus grant to the bridge. The bridge provides internal arbitration and these signals are used
to grant potential secondary PCI bus masters access to the bus. Ten potential initiators (including the
bridge) can be located on the secondary PCI bus.
When the internal arbiter is disabled, S_GNT0 is reconfigured as an external secondary bus request
signal for the bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com