công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 46 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 42Page - Texas Instruments PCI2050 Datasheet HTML 43Page - Texas Instruments PCI2050 Datasheet HTML 44Page - Texas Instruments PCI2050 Datasheet HTML 45Page - Texas Instruments PCI2050 Datasheet HTML 46Page - Texas Instruments PCI2050 Datasheet HTML 47Page - Texas Instruments PCI2050 Datasheet HTML 48Page - Texas Instruments PCI2050 Datasheet HTML 49Page - Texas Instruments PCI2050 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
4–6
4.8
Primary Latency Timer Register
The latency timer register specifies the latency timer for the bridge in units of PCI clock cycles. When the bridge is
a primary PCI bus initiator and asserts P_FRAME, the latency timer begins counting from 0. If the latency timer expires
before the bridge transaction has terminated, then the bridge terminates the transaction when its P_GNT is
deasserted.
Bit
7
6
5
4
3
2
1
0
Name
Latency timer
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Latency timer
Type:
Read/write
Offset:
0Dh
Default:
00h
4.9
Header Type Register
The header type register is read-only and returns 01h when read, indicating that the PCI2050 configuration space
adheres to the PCI-to-PCI bridge configuration. Only the layout for bytes 10h–3Fh of configuration space is
considered.
Bit
7
6
5
4
3
2
1
0
Name
Header type
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
1
Register:
Header type
Type:
Read-only
Offset:
0Eh
Default:
01h
4.10 BIST Register
The PCI2050 does not support built-in self test (BIST). The BIST register is read-only and returns the value 00h when
read.
Bit
7
6
5
4
3
2
1
0
Name
BIST
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
BIST
Type:
Read-only
Offset:
0Fh
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com