công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 72 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 72 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 68Page - Texas Instruments PCI2050 Datasheet HTML 69Page - Texas Instruments PCI2050 Datasheet HTML 70Page - Texas Instruments PCI2050 Datasheet HTML 71Page - Texas Instruments PCI2050 Datasheet HTML 72Page - Texas Instruments PCI2050 Datasheet HTML 73Page - Texas Instruments PCI2050 Datasheet HTML 74Page - Texas Instruments PCI2050 Datasheet HTML 75Page - Texas Instruments PCI2050 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
6–2
6.2
Recommended Operating Conditions (see Note 3)
OPERATION
MIN
NOM
MAX
UNIT
VCC
Supply voltage (core)
Commercial
3.3 V
3
3.3
3.6
V
PV
PCI primary bus I/O clamping rail voltage
Commercial
3.3 V
3
3.3
3.6
V
P_VCCP
PCI primary bus I/O clamping rail voltage
Commercial
5 V
4.75
5
5.25
V
SV
PCI secondary bus I/O clamping rail voltage
Commercial
3.3 V
3
3.3
3.6
V
S_VCCP
PCI secondary bus I/O clamping rail voltage
Commercial
5 V
4.75
5
5.25
V
V
High le el inp t oltage
PCI
3.3 V
0.5 VCCP
VCCP
V
VIH†
High-level input voltage
PCI
5 V
2
VCCP
V
V †
High level input voltage
PCI
3.3 V
0
0.3 VCCP
V
VIL†
High-level input voltage
PCI
5 V
0
0.8
V
VI
Input voltage
PCI
0
VCCP
V
V §
Output voltage
3.3 V
0
VCC
V
VO§
Output voltage
5 V
0
VCC
V
tt
Input transition time (tr and tf)
PCI
1
4
nS
TA
Operating ambient temperature range
3.3 V
0
25
70
°C
TJ¶
Virtual junction temperature
5 V
0
25
115
°C
NOTES:
3. Unused or floating pins (input or I/O) must be held high or low.
† Applies for external input and bidirectional buffers without hysteresis
§ Applies for external output buffers
¶ These junction temperatures reflect simulation conditions. The customer is responsible for verifying junction temperature.
6.3
Recommended Operating Conditions for PCI Interface
OPERATION
MIN
NOM
MAX
UNIT
VCC
Core voltage
Commercial
3.3 V
3
3.3
3.6
V
PV
PCI supply voltage
Commercial
3.3 V
3
3.3
3.6
V
P_VCCP
PCI supply voltage
Commercial
5 V
4.75
5
5.25
V
SV
PCI supply voltage
Commercial
3.3 V
3
3.3
3.6
V
S_VCCP
PCI supply voltage
Commercial
5 V
4.75
5
5.25
V
V
Input voltage
3.3 V
0
VCCP
V
VI
Input voltage
5 V
0
VCCP
V
V †
Output voltage
3.3 V
0
VCCP
V
VO†
Output voltage
5 V
0
VCCP
V
V
High le el inp t oltage
CMOS compatible
3.3 V
0.5 VCCP
V
VIH‡
High-level input voltage
CMOS compatible
5 V
2
V
V ‡
Low level input voltage
CMOS compatible
3.3 V
0.3 VCCP
V
VIL‡
Low-level input voltage
CMOS compatible
5 V
0.8
V
† Applies to external output buffers
‡ Applies to external input and bidirectional buffers without hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com