công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 26 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 22Page - Texas Instruments PCI2050 Datasheet HTML 23Page - Texas Instruments PCI2050 Datasheet HTML 24Page - Texas Instruments PCI2050 Datasheet HTML 25Page - Texas Instruments PCI2050 Datasheet HTML 26Page - Texas Instruments PCI2050 Datasheet HTML 27Page - Texas Instruments PCI2050 Datasheet HTML 28Page - Texas Instruments PCI2050 Datasheet HTML 29Page - Texas Instruments PCI2050 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
3–2
3.2
PCI Commands
The bridge responds to PCI bus cycles as a PCI target device based on the decoding of each address phase and
internal register settings. Table 3–1 lists the valid PCI bus cycles and their encoding on the command/byte enables
(C/BE) bus during the address phase of a bus cycle.
Table 3–1. PCI Command Definition
C/BE3–C/BE0
COMMAND
0000
Interrupt acknowledge
0001
Special cycle
0010
I/O read
0011
I/O write
0100
Reserved
0101
Reserved
0110
Memory read
0111
Memory write
1000
Reserved
1001
Reserved
1010
Configuration read
1011
Configuration write
1100
Memory read multiple
1101
Dual address cycle
1110
Memory read line
1111
Memory write and invalidate
The bridge never responds as a PCI target to the interrupt acknowledge, special cycle, or reserved commands. The
bridge does, however, initiate special cycles on both interfaces when a type 1 configuration cycle issues the special
cycle request. The remaining PCI commands address either memory, I/O, or configuration space. The bridge accepts
PCI cycles by asserting DEVSEL as a medium-speed device, i.e., DEVSEL is asserted two clock cycles after the
address phase.
The PCI2050 converts memory write and invalidate commands to memory write commands when forwarding
transactions from either the primary or secondary side of the bridge if the bridge cannot guarantee that an entire cache
line will be delivered.
3.3
Configuration Cycles
PCI Local Bus Specification defines two types of PCI configuration read and write cycles: type 0 and type 1. The
bridge decodes each type differently. Type 0 configuration cycles are intended for devices on the primary bus, while
type 1 configuration cycles are intended for devices on some hierarchically subordinate bus. The difference between
these two types of cycles is the encoding of the primary PCI (P_AD) bus during the address phase of the cycle.
Figure 3–2 shows the P_AD bus encoding during the address phase of a type 0 configuration cycle. The 6-bit register
number field represents an 8-bit address with the two lower bits masked to 0, indicating a double-word boundary. This
results in a 256-byte configuration address space per function per device. Individual byte accesses may be selected
within a doubleword by using the P_C/BE signals during the data phase of the cycle.
31
11
10
8
72
1
0
Reserved
Function
Number
Register
Number
0
0
Figure 3–2. PCI AD31–AD0 During Address Phase of a Type 0 Configuration Cycle
The bridge claims only type 0 configuration cycles when its P_IDSEL terminal is asserted during the address phase
of the cycle and the PCI function number encoded in the cycle is 0. If the function number is 1 or greater, then the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com