công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 7Page - Texas Instruments PCI2050 Datasheet HTML 8Page - Texas Instruments PCI2050 Datasheet HTML 9Page - Texas Instruments PCI2050 Datasheet HTML 10Page - Texas Instruments PCI2050 Datasheet HTML 11Page - Texas Instruments PCI2050 Datasheet HTML 12Page - Texas Instruments PCI2050 Datasheet HTML 13Page - Texas Instruments PCI2050 Datasheet HTML 14Page - Texas Instruments PCI2050 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
1–1
1 Introduction
1.1
Description
The Texas Instruments PCI2050 PCI-to-PCI bridge provides a high performance connection path between two
peripheral component interconnect (PCI) buses. Transactions occur between masters on one PCI bus and targets
on another PCI bus, and the PCI2050 allows bridged transactions to occur concurrently on both buses. The bridge
supports burst-mode transfers to maximize data throughput, and the two bus traffic paths through the bridge act
independently.
The PCI2050 bridge is compliant with the
PCI Local Bus Specification, and can be used to overcome the electrical
loading limits of 10 devices per PCI bus and one PCI device per expansion slot by creating hierarchical buses. The
PCI2050 provides two-tier internal arbitration for up to nine secondary bus masters and may be implemented with
an external secondary PCI bus arbiter.
The compact-PCI hot-swap extended PCI capability is provided which makes the PCI2050 an ideal solution for
multifunction compact PCI cards and adapting single function cards to hot-swap compliance.
The PCI2050 bridge is compliant with the
PCI-to-PCI Bridge Specification 1.1. The PCI 2050 provides compliance
for
PCI Power Management 1.0 and 1.1. The PCI2050 has been designed to lead the industry in power conservation.
An advanced CMOS process is used to achieve low system power consumption while operating at PCI clock rates
up to 33 MHz.
1.2
Features
The PCI2050 supports the following features:
Configurable for
PCI Bus Power Management Interface Specification
Provides compact PCI hot-swap functionality
3.3-V core logic with universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling environments
Two 32-bit, 33-MHz PCI buses
Provides internal two-tier arbitration for up to nine secondary bus masters and supports an external
secondary bus arbiter
Burst data transfers with pipeline architecture to maximize data throughput in both directions
Independent read and write buffers for each direction
Up to three delayed transactions in both directions
Provides 10 secondary PCI clock outputs
Predictable latency per
PCI Local Bus Specification
Propagates bus locking
Secondary bus is driven low during reset
Provides VGA/palette memory and I/O, and subtractive decoding options
Advanced submicron, low-power CMOS technology
Packaged in 208-terminal QFP or 209-terminal MicroStar BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com