công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 29Page - Texas Instruments PCI2050 Datasheet HTML 30Page - Texas Instruments PCI2050 Datasheet HTML 31Page - Texas Instruments PCI2050 Datasheet HTML 32Page - Texas Instruments PCI2050 Datasheet HTML 33Page - Texas Instruments PCI2050 Datasheet HTML 34Page - Texas Instruments PCI2050 Datasheet HTML 35Page - Texas Instruments PCI2050 Datasheet HTML 36Page - Texas Instruments PCI2050 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
3–9
Table 3–3. Configuration Via MS0 and MS1
MS0
MS1
MODE
0
0
Compact PCI hot-swap friendly
PCI Bus Power Management Interface Specification Revision 1.1
HSSWITCH/GPIO(3) functions as HSSWITCH
0
1
Compact PCI hot-swap disabled
PCI Bus Power Management Interface Specification Revision 1.1
HSSWITCH/GPIO(3) functions as GPIO(3)
1
X
Intel compatible
No CPCI hot swap,
PCI Bus Power Management Interface Specification Revision 1.0
3.14 Compact PCI Hot-Swap Support
The PCI2050 is hot-swap friendly silicon that supports all of the hot-swap capable features, contains support for
software control, and integrates circuitry required by the
CPCI Hot-Swap Specification. To be hot-swap capable, the
PCI2050 supports the following:
Compliance with
PCI Local Bus Specification
Tolerance of VCC from early power
Asynchronous reset
Tolerance of precharge voltage
I/O buffers must meet modified V/I requirements
Limited I/O pin voltage at precharge voltage
Hot-swap control and status programming via extended PCI capabilities linked list
Hot-swap terminals: HS_ENUM, HS_SWITCH, and HS_LED
CPCI hot-swap defines a process for installing and removing PCI boards without adversely affecting a running
system. The PCI2050 provides this functionality such that it can be implemented on a board that can be removed
and inserted in a hot-swap system.
The PCI2050 provides three terminals to support hot-swap when configured to be in hot-swap mode: HS_ENUM
(output), HS_SWITCH (input), and HS_LED (output). The HS_ENUM output indicates to the system that an insertion
event occurred or that a removal event is about to occur. The HS_SWITCH input indicates the state of a board ejector
handle, and the HS_LED output lights a blue LED to signal insertion and removal ready status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com