công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 48 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 44Page - Texas Instruments PCI2050 Datasheet HTML 45Page - Texas Instruments PCI2050 Datasheet HTML 46Page - Texas Instruments PCI2050 Datasheet HTML 47Page - Texas Instruments PCI2050 Datasheet HTML 48Page - Texas Instruments PCI2050 Datasheet HTML 49Page - Texas Instruments PCI2050 Datasheet HTML 50Page - Texas Instruments PCI2050 Datasheet HTML 51Page - Texas Instruments PCI2050 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
4–8
4.14 Secondary Bus Number Register
The secondary bus number register indicates the secondary bus number to which the bridge is connected. The
PCI2050 uses this register, in conjunction with the primary bus number and subordinate bus number registers, to
determine when to forward PCI configuration cycles to the secondary buses. Configuration cycles directed to the
secondary bus are converted to type 0 configuration cycles.
Bit
7
6
5
4
3
2
1
0
Name
Secondary bus number
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Secondary bus number
Type:
Read/write
Offset:
19h
Default:
00h
4.15 Subordinate Bus Number Register
The subordinate bus number register indicates the bus number of the highest numbered bus beyond the primary bus
existing behind the bridge. The PCI2050 uses this register, in conjunction with the primary bus number and secondary
bus number registers, to determine when to forward PCI configuration cycles to the subordinate buses. Configuration
cycles directed to a subordinate bus (not the secondary bus) remain type 1 cycles as the cycle crosses the bridge.
Bit
7
6
5
4
3
2
1
0
Name
Subordinate bus number
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Subordinate bus number
Type:
Read/write
Offset:
1Ah
Default:
00h
4.16 Secondary Bus Latency Timer Register
The secondary bus latency timer specifies the latency timer for the bridge in units of PCI clock cycles. When the bridge
is a secondary PCI bus initiator and asserts S_FRAME, the latency timer begins counting from 0. If the latency timer
expires before the bridge transaction has terminated, then the bridge terminates the transaction when its S_GNT is
deasserted. The PCI-to-PCI bridge S_GNT is an internal signal and is removed when another secondary bus master
arbitrates for the bus.
Bit
7
6
5
4
3
2
1
0
Name
Secondary bus latency timer
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Secondary bus latency timer
Type:
Read/write
Offset:
1Bh
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com