công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 64 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 64 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 60Page - Texas Instruments PCI2050 Datasheet HTML 61Page - Texas Instruments PCI2050 Datasheet HTML 62Page - Texas Instruments PCI2050 Datasheet HTML 63Page - Texas Instruments PCI2050 Datasheet HTML 64Page - Texas Instruments PCI2050 Datasheet HTML 65Page - Texas Instruments PCI2050 Datasheet HTML 66Page - Texas Instruments PCI2050 Datasheet HTML 67Page - Texas Instruments PCI2050 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
5–8
5.9
P_SERR Status Register
The P_SERR status register indicates what caused a SERR event on the primary interface.
Bit
7
6
5
4
3
2
1
0
Name
P_SERR status
Type
R
R/W
R/W
R/W
R/W
R/W
R/W
R
Default
0
0
0
0
0
0
0
0
Register:
P_SERR status
Type:
Read-only
Offset:
6Ah
Default:
00h
Table 5–9. P_SERR Status Register
BIT
TYPE
FUNCTION
7
R
Reserved. Bit 7 returns 0 when read.
6
R/W
Master delayed read time-out. A 1 indicates that P_SERR was signaled because of a master time-out after 224 retries on
a delayed read.
5
R/W
Master delayed write time-out. A 1 indicates that P_SERR was signaled because of a master time-out after 224 retries on
a delayed write.
4
R/W
Master abort on posted write transactions. A 1 indicates that P_SERR was signaled because of a master abort on a posted
write.
3
R/W
Target abort on posted writes. A 1 indicates that P_SERR was signaled because of a target abort on a posted write.
2
R/W
Master posted write time-out. A 1 indicates that P_SERR was signaled because of a master time-out after 224 retries on
a posted write.
1
R/W
Posted write parity error. A 1 indicates that P_SERR was signaled because of parity error on a posted write.
0
R
Reserved. Bit 0 returns 0 when read.
5.10 PM Capability ID Register
The capability ID register identifies the linked list item as the register for PCI power management. The capability ID
register returns 01h when read, which is the unique ID assigned by the PCI SIG for the PCI location of the capabilities
pointer and the value.
Bit
7
6
5
4
3
2
1
0
Name
Capability ID
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
1
Register:
Capability ID
Type:
Read-only
Offset:
DCh
Default:
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com