công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 41 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 37Page - Texas Instruments PCI2050 Datasheet HTML 38Page - Texas Instruments PCI2050 Datasheet HTML 39Page - Texas Instruments PCI2050 Datasheet HTML 40Page - Texas Instruments PCI2050 Datasheet HTML 41Page - Texas Instruments PCI2050 Datasheet HTML 42Page - Texas Instruments PCI2050 Datasheet HTML 43Page - Texas Instruments PCI2050 Datasheet HTML 44Page - Texas Instruments PCI2050 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
4–1
4 Bridge Configuration Header
The PCI2050 bridge is a single-function PCI device. The configuration header is in compliance with the
PCI-to-PCI
Bridge Architecture Specification 1.0. Table 4–1 shows the PCI configuration header, which includes the predefined
portion of the bridge’s configuration space. The PCI configuration offset is shown in the right column under the
OFFSET heading.
Table 4–1. Bridge Configuration Header
REGISTER NAME
OFFSET
Device ID
Vendor ID
00h
Status
Command
04h
Class code
Revision ID
08h
BIST
Header type
Primary latency timer
Cache line size
0Ch
Base address 0
10h
Base address 1
14h
Secondary bus latency timer
Subordinate bus number
Secondary bus number
Primary bus number
18h
Secondary status
I/O limit
I/O base
1Ch
Memory limit
Memory base
20h
Prefetchable memory limit
Prefetchable memory base
24h
Prefetchable base upper 32 bits
28h
Prefetchable limit upper 32 bits
2Ch
I/O limit upper 16 bits
I/O base upper 16 bits
30h
Reserved
Capability pointer
34h
Expansion ROM base address
38h
Bridge control
Interrupt pin
Interrupt line
3Ch
Arbiter control
Extended diagnostic
Chip control
40h
Reserved
44h
Reserved
48h
Reserved
4Ch
Reserved
50h
Reserved
54h
Reserved
58h
Reserved
Reserved
5Ch
Reserved
Reserved
Reserved
Reserved
60h
GPIO input data
GPIO output enable
GPIO output data
P_SERR event disable
64h
Reserved
P_SERR status
Secondary clock control
68h
Reserved
6Ch–D8h
Power management capabilities
PM next item pointer
PM capability ID
DCh
Data
PMCSR bridge support
Power management control/status
E0h
Reserved
Hot swap control status
HS next item pointer
HS capability ID
E4h
Reserved
E8h–FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com