công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 20Page - Texas Instruments PCI2050 Datasheet HTML 21Page - Texas Instruments PCI2050 Datasheet HTML 22Page - Texas Instruments PCI2050 Datasheet HTML 23Page - Texas Instruments PCI2050 Datasheet HTML 24Page - Texas Instruments PCI2050 Datasheet HTML 25Page - Texas Instruments PCI2050 Datasheet HTML 26Page - Texas Instruments PCI2050 Datasheet HTML 27Page - Texas Instruments PCI2050 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
2–12
Table 2–11. JTAG Interface Terminals
TERMINAL
NAME
PDV
NO.
GHK
NO.
I/O
DESCRIPTION
TCLK
133
J19
I
JTAG boundary-scan clock. TCLK is the clock controlling the JTAG logic.
TDI
129
K18
I
JTAG serial data in. TDI is the serial input through which JTAG instructions and test data enter the
JTAG interface. The new data on TDI is sampled on the rising edge of TCLK.
TDO
130
K17
O
JTAG serial data out. TDO is the serial output through which test instructions and data from the test
logic leave the PCI2050.
TMS
132
K14
I
JTAG test mode select. TMS causes state transitions in the test access port controller.
TRST
134
J18
I
JTAG TAP reset. When TRST is asserted low, the TAP controller is asynchronously forced to enter
a reset state and initialize the test logic.
Table 2–12. Power Supply
TERMINAL
DESCRIPTION
NAME
PDV NO.
GHK NO.
DESCRIPTION
GND
12, 20, 31, 37, 48, 52, 54,
59, 66, 72, 78, 86, 94, 100,
104, 111, 117, 123, 136,
142, 148, 156, 158, 160,
166, 174, 181, 187, 193,
199, 205
A6, A12, A14, B5, B10, C9,
C15, D19, F8, F13, F18,
G3, H15, J2, J14, L3, L19,
M6, N18, P6, P13, P14,
P17, T1, U5, U6, U10, V9,
W7, W12, W16
Device ground terminals
VCC
1, 26, 34, 40, 51, 53, 56, 62,
69, 75, 81, 91, 97, 103, 105,
108, 114, 120, 131, 139,
145, 151, 157, 163, 170,
178, 184, 190, 196, 202,
208
A4, A8, A13, A16, B7, C6,
C14, D1, E11, E19, F10,
G17, H18, K3, K15, M1,
M17, N2, N14, P7, P9, P19,
R3, R13, T19, U15, V8, W4,
W6, W11, W13
Power-supply terminal for core logic (3.3 V)
P_VCCP
124
L18
Primary bus-signaling environment supply. P_VCCP is used in
protection circuitry on primary bus I/O signals.
S_VCCP
135
J17
Secondary bus-signaling environment supply. S_VCCP is used in
protection circuitry on secondary bus I/O signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com