công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 25 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 25 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 21Page - Texas Instruments PCI2050 Datasheet HTML 22Page - Texas Instruments PCI2050 Datasheet HTML 23Page - Texas Instruments PCI2050 Datasheet HTML 24Page - Texas Instruments PCI2050 Datasheet HTML 25Page - Texas Instruments PCI2050 Datasheet HTML 26Page - Texas Instruments PCI2050 Datasheet HTML 27Page - Texas Instruments PCI2050 Datasheet HTML 28Page - Texas Instruments PCI2050 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
3–1
3 Feature/Protocol Descriptions
The following sections give an overview of the PCI2050 PCI-to-PCI bridge features and functionality. Figure 3–1
shows a simplified block diagram of a typical system implementation using the PCI2050.
PCI Option Card
CPU
Memory
Host
Bridge
PCI2050
PCI
Device
PCI
Device
PCI Bus 0
PCI Bus 1
Host Bus
PCI Option Slot
PCI2050
PCI
Device
PCI
Device
PCI Bus 2
(Option)
PCI Option Card
Figure 3–1. System Block Diagram
3.1
Introduction to the PCI2050
The PCI2050 is a bridge between two PCI buses and is compliant with both the
PCI Local Bus Specification and the
PCI-to-PCI Bridge Specification. The bridge supports two 32-bit PCI buses operating at a maximum of 33 MHz. The
primary and secondary buses operate independently in either a 3.3-V or 5-V signaling environment. The core logic
of the bridge, however, is powered at 3.3 V to reduce power consumption.
Host software interacts with the bridge through internal registers. These internal registers provide the standard PCI
status and control for both the primary and secondary buses. Many vendor-specific features that exist in the TI
extension register set are included in the bridge. The PCI configuration header of the bridge is only accessible from
the primary PCI interface.
The bridge provides internal arbitration for the nine possible secondary bus masters, and provides each with a
dedicated active low request/grant pair (REQ/GNT). The arbiter features a two-tier rotational scheme with the
PCI2050 bridge defaulting to the highest priority tier.
Upon system power up, power-on self-test (POST) software configures the bridge according to the devices that exist
on subordinate buses, and enables performance-enhancing features of the PCI2050. In a typical system, this is the
only communication with the bridge internal register set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com