công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 65 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 65 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 61Page - Texas Instruments PCI2050 Datasheet HTML 62Page - Texas Instruments PCI2050 Datasheet HTML 63Page - Texas Instruments PCI2050 Datasheet HTML 64Page - Texas Instruments PCI2050 Datasheet HTML 65Page - Texas Instruments PCI2050 Datasheet HTML 66Page - Texas Instruments PCI2050 Datasheet HTML 67Page - Texas Instruments PCI2050 Datasheet HTML 68Page - Texas Instruments PCI2050 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
5–9
5.11 PM Next Item Pointer Register
The PM next item pointer register is used to indicate the next item in the linked list of PCI power management
capabilities. The next item pointer returns E4h in compact PCI mode, indicating that the PCI2050 supports more than
one extended capability, but in all other modes returns 00h, indicating that only one extended capability is provided.
Bit
7
6
5
4
3
2
1
0
Name
Next item pointer
Type
R
R
R
R
R
R
R
R
Default
1
1
1
0
0
1
0
0
Register:
Next item pointer
Type:
Read-only
Offset:
DDh
Default:
E4h
CPCI mode
00h
All other modes
5.12 Power Management Capabilities Register
The power management capabilities register contains information on the capabilities of the PCI2050 functions related
to power management. The PCI2050 function supports D0, D1, D2, and D3 power states when MS1 is low. The
PCI2050 does not support any power states when MS1 is high.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management capabilities
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
1
1
0
0
0
0
0
0
0
1
0
Register:
Power management capabilities
Type:
Read-only
Offset:
DEh
Default:
0602h or 0001h
Table 5–10. Power Management Capabilities Register
BIT
TYPE
FUNCTION
15–11
R
PME support. This five-bit field indicates the power states that the device supports asserting PME. A 0 for any of these bits
indicates that the PCI2050 cannot assert PME signal from that power state. For the PCI2050, these five bits return 00000b
when read indicating that PME is not supported.
10
R
D2 support. This bit returns 1 when MS0 is 0, indicating that the bridge function supports the D2 device power state. This
bit returns 0 when MS0 is 1, indicating that the bridge function does not support the D2 device power state.
9
R
D1 support. This bit returns 1 when MS0 is 0, indicating that the bridge function supports the D1 device power state. This
bit returns 0 when MS0 is 1, indicating that the bridge function does not support the D1 device power state.
8–6
R
Reserved. Bits 8–6 return 0s when read.
5
R
Device specific initialization. This bit returns 0 when read, indicating that the bridge function does not require special
initialization (beyond the standard PCI configuration header) before the generic class device driver is able to use it.
4
R
Auxiliary power source. This bit returns a 0 when read because the PCI2050 does not support PME signaling.
3
R
PMECLK. This bit returns a 0 when read because the PME signaling is not supported.
2–0
R
Version. This three-bit register returns the
PCI Bus Power Management Interface Specification revision.
001 = Revision 1.0, MS0 = 1
010 = Revision 1.1, MS0 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com