công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 19Page - Texas Instruments PCI2050 Datasheet HTML 20Page - Texas Instruments PCI2050 Datasheet HTML 21Page - Texas Instruments PCI2050 Datasheet HTML 22Page - Texas Instruments PCI2050 Datasheet HTML 23Page - Texas Instruments PCI2050 Datasheet HTML 24Page - Texas Instruments PCI2050 Datasheet HTML 25Page - Texas Instruments PCI2050 Datasheet HTML 26Page - Texas Instruments PCI2050 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
2–11
Table 2–9. Secondary PCI Interface Control
TERMINAL
NAME
PDV
NO.
GHK
NO.
I/O
DESCRIPTION
S_IRDY
177
C11
I/O
Secondary initiator ready. S_IRDY indicates the ability of the secondary bus initiator to complete the
current data phase of the transaction. A data phase is completed on a rising edge of S_PCLKn where
both S_IRDY and S_TRDY are asserted; until S_IRDY and S_TRDY are asserted, wait states are
inserted.
S_LOCK
172
C12
I/O
Secondary PCI bus lock. S_LOCK is used to lock the secondary bus and gain exclusive access as an
initiator.
S_PAR
168
C13
I/O
Secondary parity. In all secondary bus read and write cycles, the bridge calculates even parity across
the S_AD and S_C/BE buses. As an initiator during PCI write cycles, the bridge outputs this parity
indicator with a one-S_CLK delay. As a target during PCI read cycles, the calculated parity is compared
to the initiator parity indicator. A miscompare can result in a parity error assertion (S_PERR).
S_PERR
171
E12
I/O
Secondary parity error indicator. S_PERR is driven by a secondary bus PCI device to indicate that
calculated parity does not match S_PAR when enabled through the command register.
S_REQ8
S_REQ7
S_REQ6
S_REQ5
S_REQ4
S_REQ3
S_REQ2
S_REQ1
S_REQ0
9
8
7
6
5
4
3
2
207
G5
F2
F3
E1
E2
G6
F5
E3
C5
I
Secondary PCI bus request signals. The bridge provides internal arbitration, and these signals are used
as inputs from secondary PCI bus initiators requesting the bus. Ten potential initiators (including the
bridge) can be located on the secondary PCI bus.
When the internal arbiter is disabled, the S_REQ0 signal is reconfigures as an external secondary bus
grant for the bridge.
S_SERR
169
B13
I
Secondary system error. S_SERR is passed through the primary interface by the bridge if enabled
through the bridge control register. S_SERR is never asserted by the bridge.
S_STOP
173
B12
I/O
Secondary cycle stop signal. S_STOP is driven by a PCI target to request the initiator to stop the current
secondary bus transaction. S_STOP is used for target disconnects and is commonly asserted by target
devices that do not support burst data transfers.
S_TRDY
176
B11
I/O
Secondary target ready. S_TRDY indicates the ability of the secondary bus target to complete the
current data phase of the transaction. A data phase is completed on a rising edge of S_CLK where both
S_IRDY and S_TRDY are asserted; until S_IRDY and S_TRDY are asserted, wait states are inserted.
Table 2–10. Miscellaneous Terminals
TERMINAL
NAME
PDV
NO.
GHK
NO.
I/O
DESCRIPTION
BPCCE
44
P2
I
Bus/power clock control management terminal. When signal BPCCE is tied high, and when the
PCI2050 is placed in the D3 power state, it enables the PCI2050 to place the secondary bus
in the B2 power state. The PCI2050 disables the secondary clocks and drives them to 0. When
tied low, placing the PCI2050 in the D3 power state has no effect on the secondary bus clocks.
GPIO3/HSSWITCH
GPIO2
GPIO1
GPIO0
24
25
27
28
K1
K2
K5
K6
I
General-purpose I/O pins
GPIO3 is HSSWITCH in CPCI mode.
HSSWITCH provides the status of the ejector handle switch to the CPCI logic.
HSENUM
127
L14
O
Hot swap ENUM
HSLED
128
K19
O
Hot swap LED output
MS0
155
E17
I
Mode select 0
MS1
106
R17
I
Mode select 1
NC
102
125
R14
L17
NC
These terminals have no function on the PCI2050.
S_M66ENA
153
E18
O
Secondary bus 66-MHz enable pin. This pin is always driven low to incicate that the secondary
bus speed is 33 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com