công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI2050 bảng dữ liệu(PDF) 67 Page - Texas Instruments

tên linh kiện PCI2050
Giải thích chi tiết về linh kiện  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 bảng dữ liệu(HTML) 67 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 63Page - Texas Instruments PCI2050 Datasheet HTML 64Page - Texas Instruments PCI2050 Datasheet HTML 65Page - Texas Instruments PCI2050 Datasheet HTML 66Page - Texas Instruments PCI2050 Datasheet HTML 67Page - Texas Instruments PCI2050 Datasheet HTML 68Page - Texas Instruments PCI2050 Datasheet HTML 69Page - Texas Instruments PCI2050 Datasheet HTML 70Page - Texas Instruments PCI2050 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
5–11
5.14 PMCSR Bridge Support Register
The PMCSR bridge support register is required for all PCI bridges and supports PCI-bridge-specific functionality.
Bit
7
6
5
4
3
2
1
0
Name
PMCSR bridge support
Type
R
R
R
R
R
R
R
R
Default
X
X
0
0
0
0
0
0
Register:
PMCSR bridge support
Type:
Read-only
Offset:
E2h
Default:
X0h
Table 5–12. PMCSR Bridge Support Register
BIT
TYPE
FUNCTION
7
R
Bus power control enable. This bit returns the value of the MS1/BCC input.
0 = Bus power/ clock control disabled.
1 = Bus power/clock control enabled.
6
R
B2/B3 support for D3hot. This bit returns the value of MS1/BCC input. When this bit is 1, the secondary clocks
are stopped when the device is placed in D3hot. When this bit is 0, the secondary clocks remain on in all device
states.
Note: If the primary clock is stopped, then the secondary clocks will stop because the primary clock is used to
generate the secondary clocks.
5–0
R
Reserved.
5.15 Data Register
The data register is an optional, 8-bit read–only register that provides a mechanism for the function to report
state-dependent operating data such as power consumed or heat dissipatin. The PCI2050 does not implement the
data register.
Bit
7
6
5
4
3
2
1
0
Name
Data
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
Data
Type:
Read-only
Offset:
E3h
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com