| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FXLS93421 bảng dữ liệu(PDF) 109 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93421 bảng dữ liệu(HTML) 109 Page - NXP Semiconductors |
|
109 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor • PSI5 – If any supply falls below the specified threshold, all PSI5 transmissions are terminated for the present sync pulse or asynchronous transmission cycle. Once the supply returns above the threshold, the device will resume responses as specified in Section 11.2.2.5. • SPI – If any supply falls below the specified threshold, SPI responses are terminated. Once the supply returns above the threshold, the device will resume command decode and response transmissions as specified in Section 11.2.2.5. • I2C – If any supply falls below the specified threshold, I2C transactions are terminated. Once the supply returns above the threshold, the device will resume responses as specified in Section 11.2.2.5. See Figure 15 for an example of a supply line interruption during a DSI3 or PSI5 response. aaa-030609 time BUS_I BUS_I micro-cut occurs response terminated BUS_I undervoltage detected POR IBUS_I VREGA VREG VBUF Figure 15. BUS_I micro-cut response (DSI3 or PSI5) 11.5 Internal oscillator The device includes a factory trimmed oscillator as specified in Section 10.20. 11.5.1 Oscillator training The device includes a feature to train the oscillator to a tighter accuracy than the factory trimmed capability assuming the system master has a tighter oscillator accuracy than the slave factory trimmed capability. This feature can be enabled for all modes: DSI3, PSI5, SPI, and I2C. Note: Do not use oscillator training in systems that employ spread spectrum communication methods to reduce emissions. FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 109 / 254 |