| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FXLS93421 bảng dữ liệu(PDF) 119 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS93421 bảng dữ liệu(HTML) 119 Page - NXP Semiconductors |
|
119 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor (6) (7) (8) (9) Variable name Description Range (Real) Variable size (Bits) Resolution (Real) A0 Offset Compensation –1.0 to +1.0 12 4.8852e–04 B2 Offset Compensation with First Order Temperature Compensation –1.0 to +1.0 12 4.8852e–04 C22 Offset Compensation with Second Order Temperature Compensation –1.0 to +1.0 12 4.8852e–04 B1 Sensitivity Compensation –1.0 to +1.0 12 4.8852e–04 C12 Sensitivity Compensation with First Order Temperature Compensation –1.0 to +1.0 12 4.8852e–04 C11 Linearity Compensation –1.0 to +1.0 12 4.8852e–04 T Temperature Sensor Digital Output Value –1.0 to +1.0 12 4.8852e–04 T25 Temperature Sensor Output Value stored at the Ambient Test Insertion –1.0 to +1.0 12 4.8852e–04 TrimIn Output of the Sinc Filter TrimOut Output of the Trim Block Table 201. Signal trim and compensation variable descriptions 11.6.4.3 Digital clipping The device includes a digital clipping block to maximize the symmetry between the positive and negative electrical dynamic range of the device. Digital clipping values are specified in Section 10.9 and Section 10.10. 11.6.4.4 Low-pass filter Data from the Sinc filter is processed by an infinite impulse response (IIR) low-pass filter. (10) The device provides the option for one of several low-pass filters. The filter coefficients are selected with the LPF[3:0] bits in the CHx_CFG_U1 registers. FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 119 / 254 |