công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 305 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 305 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors HCS08 Datasheet HTML 303Page - NXP Semiconductors HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors HCS08 Datasheet HTML 307Page - NXP Semiconductors HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
305
17.3.9
Status Register (STAT)
The STAT reports the transaction status within the USB module. When the MCU receives a TOKDNE
interrupt, the STAT is read to determine the status of the previous endpoint communication. The data in
the status register is valid only when the TOKDNEF interrupt flag is asserted. The STAT register is actually
a read window into a status FIFO maintained by the USB module. When the USB module uses a BD, it
updates the status register. If another USB transaction is performed before the TOKDNE interrupt is
serviced, the USB module will store the status of the next transaction in the STAT FIFO. Thus, the STAT
register is actually a four byte FIFO which allows the microcontroller to process one transaction while the
serial interface engine (SIE) is processing the next. Clearing the TOKDNEF bit in the INTSTAT register
causes the SIE to update the STAT register with the contents of the next STAT value. If the next data in the
STAT FIFO holding register is valid, the SIE will immediately reassert the TOKDNE interrupt.
1
CRC5
CRC5 Interrupt Enable — Setting this bit will enable CRC5 interrupts.
0 Interrupt disabled
1 Interrupt enabled
0
PIDERR
PIDERR Interrupt Enable — Setting this bit will enable PIDERR interrupts.
0 Interrupt disabled
1 Interrupt enabled
76
54
321
0
R
ENDP[3:0]
IN
ODD
0
0
W
Reset
0
00
000
00
= Unimplemented or Reserved
Figure 17-12. Status Register (STAT)
Table 17-13. STAT Field Descriptions
Field
Description
7–4
ENDP[3:0]
Endpoint Number — These four bits encode the endpoint address that received or transmitted the previous
token. This allows the microcontroller to determine which BDT entry was updated by the last USB transaction.
0000 Endpoint 0
0001 Endpoint 1
0010 Endpoint 2
0011 Endpoint 3
0100 Endpoint 4
0101 Endpoint 5
0110 Endpoint 6
Table 17-12. ERRSTAT Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com