công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 308 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 308 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors HCS08 Datasheet HTML 307Page - NXP Semiconductors HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors HCS08 Datasheet HTML 312Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
308
Freescale Semiconductor
17.3.13 Endpoint Control Register (EPCTLn, n=0-6)
The endpoint control registers contains the endpoint control bits (EPCTLDIS, EPRXEN, EPTXEN, and
EPHSHK) for each endpoint available within the USB module for a decoded address. These four bits
define all of the control necessary for any one endpoint. The formats for these registers are shown in the
tables below. Endpoint 0 (ENDP0) is associated with control pipe 0 which is required by the USB for all
functions. Therefore, after a USBRST interrupt has been received, the microcontroller must set EPCTL0
to contain 0x0D.
76
54
321
0
R
0
00
00
FRM10
FRM9
FRM8
W
Reset
0
00
000
00
= Unimplemented or Reserved
Figure 17-16. Frame Number Register High (FRMNUMH)
Table 17-17. FRMNUMH Field Descriptions
Field
Description
2–0
FRM[10:8]
Frame Number — These bits represent the high order bits of the 11-bit frame number.
76
543
21
0
R0
0
0
EPCTLDIS
EPRXEN
EPTXEN
EPSTALL
EPHSHK
W
Reset
(EP0-6)
0
0000
00
0
= Unimplemented or Reserved
Figure 17-17. Endpoint Control Register (EPCTLn)
Table 17-18. EPCTLn Field Descriptions
Field
Description
4
EPCTLDIS
Endpoint Control — This bit defines if an endpoint is enabled and the direction of the endpoint. The
endpoint enable/direction control is defined in Table 17-19.
3
EPRXEN
Endpoint Rx Enable — This bit defines if an endpoint is enabled for OUT transfers. The endpoint
enable/direction control is defined in Table 17-19.
2
EPTXEN
Endpoint Tx Enable — This bit defines if an endpoint is enabled for IN transfers. The endpoint
enable/direction control is defined in Table 17-19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com