công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 312 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 312 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors HCS08 Datasheet HTML 312Page - NXP Semiconductors HCS08 Datasheet HTML 313Page - NXP Semiconductors HCS08 Datasheet HTML 314Page - NXP Semiconductors HCS08 Datasheet HTML 315Page - NXP Semiconductors HCS08 Datasheet HTML 316Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
312
Freescale Semiconductor
17.4.1.5
USB On-Chip Voltage Regulator (VREG)
The on-chip 3.3-V regulator provides a stable power source to power the USB internal transceiver and
provide for the termination of an internal or external pullup resistor. When the on-chip regulator is enabled,
it requires a voltage supply input in the range from 3.9 V to 5.5 V, and the voltage regulator output will be
in the range of 3.0 V to 3.6 V.
With a dedicated on-chip USB 3.3-V regulator and a separate power supply for the MCU, the MCU and
USB can operate at different voltages (See the USB electricals regarding the USB voltage regulator
electrical characteristics). When the on-chip 3.3-V regulator is disabled, a 3.3-V source must be provided
through the VUSB33 pin to power the USB transceiver. In this case, the power supply voltage to the MCU
must not fall below the input voltage at the VUSB33 pin.
The 3.3-V regulator has 3 modes including:
•
Active mode — This mode is entered when USB is active. Current requirement is sufficient to
power the transceiver and the USBDP pullup resistor.
•
Standby — The voltage regulator standby mode is entered automatically when the USB device is
in suspend mode. When the USB device is forced into suspend mode by the USB bus, the firmware
must configure the MCU for stop3 mode. In standby mode, the requirement is to maintain the
USBDP pin voltage at 3.0 V to 3.6 V, with a 900
Ω (worst-case) pullup.
•
Power off — This mode is entered anytime when stop2 or stop1 is entered or when the voltage
regulator is disabled.
17.4.1.6
USB On-Chip USBDP Pullup Resistor
The pullup resistor on the USBDP line required for full-speed operation by the USB Specification Rev. 2.0
can be internal or external to the MCU, depending on the application requirements. An on-chip pullup
resistor, implemented as specified in the USB 2.0 resistor ECN, is optionally available via firmware
configuration. Alternatively, this on-chip pullup resistor can be disabled, and the USB module can be
configured to use an external pullup resistor for the USBDP line instead. If using an external pullup resistor
on the USBDP line, the resistor must comply with the requirements in the USB 2.0 resistor ECN found at
http://www.usb.org.
The USBPU bit in the USBCTL0 register can be used to indicate if the pullup resistor is internal or external
to the MCU. If USBPU is clear, the internal pullup resistor on USBDP is disabled, and an external USBDP
pullup can be used. When using an external USBDP pullup, if the voltage regulator is enabled, the VUSB33
voltage output can be used with the USBDP pullup. While the use of the internal USBDP pullup resistor
is generally recommended, the figure below shows the USBDP pullup resistor configuration for a USB
device using an external resistor tied to VUSB33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com