công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 6Page - NXP Semiconductors HCS08 Datasheet HTML 7Page - NXP Semiconductors HCS08 Datasheet HTML 8Page - NXP Semiconductors HCS08 Datasheet HTML 9Page - NXP Semiconductors HCS08 Datasheet HTML 10Page - NXP Semiconductors HCS08 Datasheet HTML 11Page - NXP Semiconductors HCS08 Datasheet HTML 12Page - NXP Semiconductors HCS08 Datasheet HTML 13Page - NXP Semiconductors HCS08 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 374 page
background image
MC9S08JM60 Series Data Sheet, Rev. 5
10
Freescale Semiconductor
4.5
Flash ................................................................................................................................................51
4.5.1 Features .............................................................................................................................51
4.5.2 Program and Erase Times .................................................................................................52
4.5.3 Program and Erase Command Execution .........................................................................52
4.5.4 Burst Program Execution ..................................................................................................54
4.5.5 Access Errors ....................................................................................................................55
4.5.6 Flash Block Protection ......................................................................................................56
4.5.7 Vector Redirection ............................................................................................................57
4.6
Security ............................................................................................................................................57
4.7
Flash Registers and Control Bits .....................................................................................................58
4.7.1 Flash Clock Divider Register (FCDIV) ............................................................................59
4.7.2 Flash Options Register (FOPT and NVOPT) ....................................................................60
4.7.3 Flash Configuration Register (FCNFG) ...........................................................................61
4.7.4 Flash Protection Register (FPROT and NVPROT) ..........................................................61
4.7.5 Flash Status Register (FSTAT) ..........................................................................................62
4.7.6 Flash Command Register (FCMD) ...................................................................................63
Chapter 5
Resets, Interrupts, and System Configuration
5.1
Introduction .....................................................................................................................................65
5.2
Features ...........................................................................................................................................65
5.3
MCU Reset ......................................................................................................................................65
5.4
Computer Operating Properly (COP) Watchdog .............................................................................66
5.5
Interrupts .........................................................................................................................................67
5.5.1 Interrupt Stack Frame .......................................................................................................68
5.5.2 External Interrupt Request (IRQ) Pin ...............................................................................68
5.5.3 Interrupt Vectors, Sources, and Local Masks ...................................................................69
5.6
Low-Voltage Detect (LVD) System ................................................................................................71
5.6.1 Power-On Reset Operation ...............................................................................................71
5.6.2 Low-Voltage Detection (LVD) Reset Operation ...............................................................71
5.6.3 Low-Voltage Warning (LVW) Interrupt Operation ...........................................................71
5.7
Reset, Interrupt, and System Control Registers and Control Bits ...................................................72
5.7.1 Interrupt Pin Request Status and Control Register (IRQSC) ............................................72
5.7.2 System Reset Status Register (SRS) .................................................................................73
5.7.3 System Background Debug Force Reset Register (SBDFR) ............................................74
5.7.4 System Options Register 1 (SOPT1) ................................................................................74
5.7.5 System Options Register 2 (SOPT2) ................................................................................76
5.7.6 System Device Identification Register (SDIDH, SDIDL) ................................................76
5.7.7 System Power Management Status and Control 1 Register (SPMSC1) ...........................77
5.7.8 System Power Management Status and Control 2 Register (SPMSC2) ...........................78
Chapter 6
Parallel Input/Output
6.1
Introduction .....................................................................................................................................81
6.2
Port Data and Data Direction ..........................................................................................................81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com