công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 314 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 314 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors HCS08 Datasheet HTML 312Page - NXP Semiconductors HCS08 Datasheet HTML 313Page - NXP Semiconductors HCS08 Datasheet HTML 314Page - NXP Semiconductors HCS08 Datasheet HTML 315Page - NXP Semiconductors HCS08 Datasheet HTML 316Page - NXP Semiconductors HCS08 Datasheet HTML 317Page - NXP Semiconductors HCS08 Datasheet HTML 318Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
314
Freescale Semiconductor
17.4.2
Buffer Descriptor Table (BDT)
To efficiently manage USB endpoint communications, the USB module implements a buffer descriptor
table (BDT) comprised of buffer descriptors (BD) in the local USB RAM. The BD entries provide status
or control information for a corresponding endpoint. The BD entries also provide an address to the
endpoint’s buffer. A single BD for an endpoint direction requires 3-bytes. A detailed description of the
BDT format is provided in the next sections.
The software API intelligently manages buffers for the USB module by updating the BDT when needed.
This allows the USB module to efficiently handle data transmission and reception, while the
microcontroller performs communication overhead processing and other function dependent applications.
Because the buffers are shared between the microcontroller and the USB module, a simple semaphore
mechanism is used to distinguish who is allowed to update the BDT and buffers in buffer memory. A
semaphore bit, the OWN bit, is cleared to 0 when the BD entry is owned by the microcontroller. The
microcontroller is allowed read and write access to the BD entry and the data buffer when the OWN bit is
0. When the OWN bit is set to 1, the BD entry and the data buffer are owned by the USB module. The USB
module now has full read and write access and the microcontroller must not modify the BD or its
corresponding data buffer.
17.4.2.1
Multiple Buffer Descriptor Table Entries for a Single Endpoint
Every endpoint direction requires at least one three-byte Buffer Descriptor entry. Thus, endpoint 0, a
bidirectional control endpoint, requires one BDT entry for the IN direction, and one for the OUT direction.
Using two BD entries also allows for double-buffering. Double-buffering BDs allows the USB module to
easily transfer data at the maximum throughput provided by the USB module. Double buffering allows the
MCU to process one BD while the USB module is processing the other BD.
To facilitate double-buffering, two buffer descriptor (BD) entries are needed for each endpoint direction.
One BD entry is the EVEN BD and the other is the ODD BD.
17.4.2.2
Addressing Buffer Descriptor Table Entries
The BDT addressing is hardwired into the module. The BDT occupies the first portion of the USB RAM.
To access endpoint data via the USB or MCU, the addressing mechanism of the buffer descriptor table
must be understood.
All enabled IN and OUT endpoint BD entries are indexed into the BDT to allow easy access via the USB
module or the MCU. The figure below shows the USB RAM organization. The figure shows that the first
entries in the USB RAM are dedicated to storage of the BDT entries - i.e. the first 30 bytes of the USB
RAM (0x00 to 0x1D) are used to implement the BDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com