công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 317 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 317 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 313Page - NXP Semiconductors HCS08 Datasheet HTML 314Page - NXP Semiconductors HCS08 Datasheet HTML 315Page - NXP Semiconductors HCS08 Datasheet HTML 316Page - NXP Semiconductors HCS08 Datasheet HTML 317Page - NXP Semiconductors HCS08 Datasheet HTML 318Page - NXP Semiconductors HCS08 Datasheet HTML 319Page - NXP Semiconductors HCS08 Datasheet HTML 320Page - NXP Semiconductors HCS08 Datasheet HTML 321Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
317
17.4.3
USB Transactions
When the USB module transmits or receives data, it will first compute the BDT address based on the
endpoint number, data direction, and which buffer is being used (even or odd), then it will read the BD.
Once the BD has been read, and if the OWN bit equals 1, the serial interface engine (SIE) will transfer the
packet data to or receive the packet data from the buffer pointed to by the EPADR field of the BD. When
the USB TOKEN is complete, the USB module will update the BDT and change the OWN bit to 0.
The STAT register is updated and the TOKDNE interrupt is set. When the microcontroller processes the
TOKDNE interrupt, it reads the status register. This gives the microcontroller all the information it needs
to process the endpoint. At this point the microcontroller can allocate a new BD, so additional USB data
can be transmitted or received for that endpoint, and it can process the previous BD. Figure 17-20 shows
a timeline for how a typical USB token would be processed.
BC[7:0]
Byte Count — The Byte Count bits represent the 8-bit byte count. The USB module serial interface engine
(SIE) will change this field upon the completion of a RX transfer with the byte count of the data received. Note
that while USB supports packets as large as 1023 bytes for isochronous endpoints, this module limits packet
size to 64 bytes.
EPADR[9:4]
Endpoint Address— The endpoint address bits represent the upper 6 bits of the 10-bit buffer address within
the module’s local USB RAM. Bits [3:0] of EPADR are always zero, therefore the address of the buffer must
always start on a 16-byte aligned address within the local RAM. These bits are unchanged by the USB module.
This is NOT the address of the memory on the system bus. EPADR is relative to the start of the local USB RAM.
Table 17-22. Buffer Descriptor Table Fields (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com