công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 321 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 321 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 317Page - NXP Semiconductors HCS08 Datasheet HTML 318Page - NXP Semiconductors HCS08 Datasheet HTML 319Page - NXP Semiconductors HCS08 Datasheet HTML 320Page - NXP Semiconductors HCS08 Datasheet HTML 321Page - NXP Semiconductors HCS08 Datasheet HTML 322Page - NXP Semiconductors HCS08 Datasheet HTML 323Page - NXP Semiconductors HCS08 Datasheet HTML 324Page - NXP Semiconductors HCS08 Datasheet HTML 325Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
321
17.4.6
Suspend/Resume
The USB supports a single low-power mode called suspend. Getting into and out of the suspend state is
described in the following sections.
17.4.6.1
Suspend
The USB host can put a single device or the entire bus into the suspend state at any time. The MCU
supports suspend mode for low power. Suspend mode will be entered when the USB data lines are in the
idle state for more than 3 ms. Entry into suspend mode is announced by the SLEEPF bit in the INTSTAT
register.
Per the USB specification, a low-power bus-powered USB device is required to draw less than 500 µA in
suspend state. A high-power device that supports remote wakeup and has its remote wake-up feature
enabled by the host can draw up to 2.5 mA of current. After the initial 3-ms idle, the USB device will reach
this state within 7 ms. This low-current requirement means that firmware is responsible for entering stop3
mode once the SLEEPF flag has been set and before the USB module has been placed in the suspend state.
On receipt of resume signaling from the USB, the module can generate an asynchronous interrupt to the
MCU which brings the device out of stop mode and wakes up the clocks. Setting the USBRESMEN bit in
the USBCTL0 register immediately after the SLEEPF bit is set enables this asynchronous notification
feature. The USB resume signaling will then cause the LPRESF bit to be set, indicating a low-power
SUSPEND resume, which will wake the CPU from stop3 mode.
During normal operation, while the host is sending SOF packets, the USB module will not enter suspend
mode.
17.4.6.2
Resume
There are three ways to get out of the suspend state. When the USB module is in suspend state, the resume
detection is active even if all the clocks are disabled and the MCU is in stop3 mode. The MCU can be
activated from the suspend state by normal bus activity, a USB reset signal, or upstream resume (remote
wakeup).
17.4.6.2.1
Host Initiated Resume
The host signals a resume from suspend by initiating resume signaling (K state) for at least 20 ms followed
by a standard low-speed EOP signal. This 20 ms ensures that all devices in the USB network are awakened.
After resuming the bus, the host must begin sending bus traffic within 3 ms to prevent the device from
re-entering suspend mode.
Depending on the power mode the device is in while suspended, the notification for a host initiated resume
will be different:
•
Run mode - RESUME must be set after SLEEPF becomes set to enable the RESUMEF interrupt.
Then, upon resume signaling, the RESUMEF interrupt will trigger after a K-state has been
observed on the USBDP/USBDN lines for 2.5 µs.
•
Stop3 mode - USBRESMEN must be set after SLEEPF becomes set to arm the LPRESF bit. Then,
upon a K-state on the bus while the device is in stop3 mode, the LPRESF bit will be set, indicating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com