công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 313 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 313 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 309Page - NXP Semiconductors HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors HCS08 Datasheet HTML 312Page - NXP Semiconductors HCS08 Datasheet HTML 313Page - NXP Semiconductors HCS08 Datasheet HTML 314Page - NXP Semiconductors HCS08 Datasheet HTML 315Page - NXP Semiconductors HCS08 Datasheet HTML 316Page - NXP Semiconductors HCS08 Datasheet HTML 317Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
313
Figure 17-18. USBDP/USBDN Pullup Resistor Configuration for USB module
17.4.1.7
USB Powering and USBDP Pullup Enable Options
The USB module provides a single-chip solution for USB device applications that are self-powered or
bus-powered. The USB device needs to know when it has a valid USB connection in order to enable or
disable the pullup resistor on the USBDP line. For the USB module on this device, the pullup on USBDP
is only applied when a valid VBUS connection is sensed, as required by the USB specification.
In bus-powered applications, system power must be derived from VBUS. Because VBUS is only available
when a valid USB connection from host to device is made, the VBUS sensing is built-in, and the USBDP
pullup can be enabled accordingly.
With self-powered applications, determining when a valid USB connection is made is different from that
of bus-powered applications. In self-powered applications, VBUS sensing must be built into the
application. For instance, a KBI pin interrupt can be utilized (if available). When a valid VBUS connection
is made, the KBI interrupt can notify the application that a valid USB connection is available, and the
internal pullup resistor can be enabled using the USBPU bit. If an external pullup resistor is used instead
of the internal one, the VBUS sensing mechanism must be included in the system design.
Table 17-20 summarizes the differences in enabling the USBDP pullup for different USB power modes.
Table 17-20. USBDP Pullup Enable for Different USB Power Modes
Power
USBDP Pullup
Pullup Enable
Bus Power
(Built-in VBUS sense)
Internal
Set USBPU bit
External
Build into application
Self Power
(Build VBUS sense into application)
Internal
Set USBPU bit
External
Build into application
USBDP
USBDN
USB DEVICE
VUSB33
3.3 V
RDPPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com