công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 315 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 315 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 311Page - NXP Semiconductors HCS08 Datasheet HTML 312Page - NXP Semiconductors HCS08 Datasheet HTML 313Page - NXP Semiconductors HCS08 Datasheet HTML 314Page - NXP Semiconductors HCS08 Datasheet HTML 315Page - NXP Semiconductors HCS08 Datasheet HTML 316Page - NXP Semiconductors HCS08 Datasheet HTML 317Page - NXP Semiconductors HCS08 Datasheet HTML 318Page - NXP Semiconductors HCS08 Datasheet HTML 319Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
315
When the USB module receives a USB token on an enabled endpoint, it interrogates the BDT. The USB
module reads the corresponding endpoint BD entry and determines if it owns the BD and corresponding
data buffer.
17.4.2.3
Buffer Descriptor Formats
The buffer descriptors (BDs) are groups of registers that provide endpoint buffer control information for
the USB module and the MCU. The BDs have different meanings based on who is reading the BD in
memory.
The USB module uses the data stored in the BDs to determine:
•
Who owns the buffer in system memory
•
Data0 or Data1 PID
•
Release Own upon packet completion
•
Data toggle synchronization enable
•
How much data to be transmitted or received
•
Where the buffer resides in the buffer RAM.
The microcontroller uses the data stored in the BDs to determine:
•
Who owns the buffer in system memory
•
Data0 or Data1 PID
•
The received TOKEN PID
Table 17-21. USB RAM Organization
USB RAM
Offset
USB RAM Description of Contents
0x00
BDT
Endpoint 0 IN
Endpoint 0, OUT
Endpoint 1
Endpoint 2
Endpoint 3
Endpoint 4
Endpoint 5, Buffer EVEN
Endpoint 5, Buffer ODD
Endpoint 6, Buffer EVEN
0x1D
Endpoint 6, Buffer ODD
0x1E
RESERVED
0x1F
RESERVED
0x20
0xFF
USB RAM available for endpoint buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com