công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 311 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 311 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 307Page - NXP Semiconductors HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors HCS08 Datasheet HTML 312Page - NXP Semiconductors HCS08 Datasheet HTML 313Page - NXP Semiconductors HCS08 Datasheet HTML 314Page - NXP Semiconductors HCS08 Datasheet HTML 315Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
311
•
Bit stuffing violation
If a properly formatted packet is received, the receiver logic initiates a handshake response to the host. If
the packet is not decoded correctly due to bit stuff violation, CRC error or other packet level problem, the
receiver ignores it. The USB host will eventually time-out waiting for a response, and retransmit the
packet.
When the SIE receiver logic is receiving data in the buffer space for a particular endpoint, CPU access to
that buffer space is not recommended.
17.4.1.2
MCU/Memory Interfaces
17.4.1.2.1
SkyBlue Gasket
The SkyBlue gasket connects the USB module to the SoC internal peripheral bus. The gasket maps
accesses to the endpoint buffer descriptors or the endpoint buffers into the shared RAM block, and it also
maps accesses to the peripherals register set into the serial interface engine (SIE) register space. The
SkyBlue gasket interface includes registers to control the USB transceiver and voltage regulator.
17.4.1.2.2
Endpoint Buffer Manager
Each endpoint supported by the USB device transmits data to and from buffers stored in the shared buffer
memory. The serial interface engine (SIE) uses a table of descriptors, the Buffer Descriptor Table (BDT),
which is also stored in the USB RAM to describe the characteristics of each endpoint. The endpoint buffer
manager is responsible for mapping requests to access endpoint buffer descriptors into physical addresses
within the USB RAM block.
17.4.1.2.3
RAM Arbitration
The arbitration block allows access to the USB RAM block from the SkyBlue gasket block and from the
SIE.
17.4.1.3
USB RAM
The USB module includes 256 bytes of high speed RAM, accessible by the USB serial interface engine
(SIE) and the CPU. The USB RAM runs at twice the speed of the bus clock to allow interleaved
non-blocked access by the CPU and SIE. The USB RAM is used for storage of the buffer descriptor table
(BDT) and endpoint buffers. USB RAM that is not allocated for the BDT and endpoint buffers can be used
as system memory. If the USB module is not enabled, then the entire USB RAM may be used as unsecured
system memory.
17.4.1.4
USB Transceiver (XCVR)
The USB transceiver is electrically compliant to the Universal Serial Bus Specification 2.0. This block
provides the necessary 2-wire differential NRZI signaling for USB communication. The transceiver is
on-chip to provide a cost effective single chip USB peripheral solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com