công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 309 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 309 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors HCS08 Datasheet HTML 307Page - NXP Semiconductors HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors HCS08 Datasheet HTML 312Page - NXP Semiconductors HCS08 Datasheet HTML 313Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
309
17.4
Functional Description
This section describes the functional behavior of the USB module. It documents data packet processing
for endpoint 0 and data endpoints, USB suspend and resume states, SOF token processing, reset conditions
and interrupts.
17.4.1
Block Descriptions
Figure 17-2 is the block diagram. The module’s sub-blocks and external signals are described in the
following sections. The module involves several major blocks — USB transceiver (XCVR), USB serial
interface engine (SIE), a 3.3 V regulator (VREG), endpoint buffer manager, shared RAM arbitration, USB
RAM and the SkyBlue gasket.
17.4.1.1
USB Serial Interface Engine (SIE)
The SIE is composed of two major functions: TX Logic and RX Logic. These major functions are
described below in more detail. The TX and RX logic are connected by a USB protocol engine which
manages packet flow to and from the USB module. The SIE is connected to the rest of the system via
1
EPSTALL
Endpoint Stall — When set, this bit indicates that the endpoint is stalled. This bit has priority over all other
control bits in the endpoint control register, but is only valid if EPTXEN=1 or EPRXEN=1. Any access to this
endpoint will cause the USB module to return a STALL handshake. Once an endpoint is stalled it requires
intervention from the host controller.
0 Endpoint n is not stalled
1 Endpoint n is stalled
0
EPHSHK
Endpoint Handshake — This bit determines if the endpoint will perform handshaking during a transaction
to the endpoint. This bit will generally be set unless the endpoint is isochronous.
0 No handshaking performed during a transaction to this endpoint (usually for isochronous endpoints)
1 Handshaking performed during a transaction to this endpoint
Table 17-19. Endpoint Enable/Direction Control
Bit Name
Endpoint Enable/Direction Control
4
EPCTLDIS
3
EPRXEN
2
EPTXEN
X0
0
Disable endpoint
X0
1
Enable endpoint for IN(TX) transfers only
X1
0
Enable endpoint for OUT(RX) transfers only
0
1
1
Enable endpoint for IN, OUT and SETUP transfers.
1
1
1
RESERVED
Table 17-18. EPCTLn Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com