công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 307 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 307 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 303Page - NXP Semiconductors HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors HCS08 Datasheet HTML 307Page - NXP Semiconductors HCS08 Datasheet HTML 308Page - NXP Semiconductors HCS08 Datasheet HTML 309Page - NXP Semiconductors HCS08 Datasheet HTML 310Page - NXP Semiconductors HCS08 Datasheet HTML 311Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
307
17.3.11 Address Register (ADDR)
The ADDR register contains the unique 7-bit address the device will be recognized as through USB. The
register is reset to 0x00 after the reset input has gone active or the USB module has decoded USB reset
signaling. That will initialize the address register to decode address 0x00 as required by the USB
specification. Firmware will change the value when it processes a SET_ADDRESS request.
17.3.12 Frame Number Register (FRMNUML, FRMNUMH)
The frame number registers contains the 11-bit frame number. The frame number registers require two
8-bit registers to implement. The low order byte is contained in FRMNUML, and the high order byte is
contained in FRMNUMH. These registers are updated with the current frame number whenever a SOF
TOKEN is received.
76
54
321
0
R0
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
W
Reset
0
00
000
00
Figure 17-14. Address Register (ADDR)
Table 17-15. ADDR Field Descriptions
Field
Description
6–0
ADDR[6:0]
USB Address — This 7-bit value defines the USB address that the USB module will decode
76
54
321
0
R
FRM7
FRM6
FRM5
FRM4
FRM3
FRM2
FRM1
FRM0
W
Reset
0
00
000
00
= Unimplemented or Reserved
Figure 17-15. Frame Number Register Low (FRMNUML)
Table 17-16. FRMNUML Field Descriptions
Field
Description
7–0
FRM[7:0]
Frame Number — These bits represent the low order bits of the 11 bit frame number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com