công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 303 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 303 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 299Page - NXP Semiconductors HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors HCS08 Datasheet HTML 303Page - NXP Semiconductors HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors HCS08 Datasheet HTML 307Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
303
17.3.7
Error Interrupt Status Register (ERRSTAT)
The ERRSTAT contains bits for each of the error sources within the USB module. Each of these bits
corresponds to its respective error enable bit (See Section 17.3.8, “Error Interrupt Enable Register
(ERRENB)”.) The result is OR'ed together and sent to the ERROR bit of the INTSTAT register. Once an
interrupt bit has been set, it may only be cleared by writing a 1 to the corresponding flag bit. Each bit is
set as soon as the error condition is detected. Thus, the interrupt will typically not correspond with the end
of a token being processed. This register will contain the value of 0x00 after reset.
1
ERROR
ERROR Interrupt Enable — Setting this bit will enable ERROR interrupts.
0 Interrupt disabled
1 Interrupt enabled
0
USBRST
USBRST Interrupt Enable — Setting this bit will enable USBRST interrupts.
0 Interrupt disabled
1 Interrupt enabled
76
54
321
0
R
BTSERRF
Reserved
BUFERRF
BTOERRF
DFN8F
CRC16F
CRC5F
PIDERRF
W
Reset
0
00
000
00
Figure 17-10. Error Interrupt Status Register (ERRSTAT)
Table 17-11. ERRSTAT Field Descriptions
Field
Description
7
BTSERRF
Bit Stuff Error Flag — A bit stuff error has been detected. If set, the corresponding packet will be rejected due
to a bit stuff error.
0 No bit stuff error detected
1 Bit stuff error flag set
5
BUFERRF
Buffer Error Flag — This bit is set if the USB module has requested a memory access to read a new BD but
has not been given the bus before the USB module needs to receive or transmit data. If processing a TX (IN
endpoint) transfer, this would cause a transmit data underflow condition. Or if processing an Rx (OUT endpoint)
transfer, this would cause a receive data overflow condition. This bit is also set if a data packet to or from the host
is larger than the buffer size that is allocated in the BD. In this case the data packet is truncated as it is put into
buffer memory.
0 No buffer error detected
1 A buffer error has occurred
4
BTOERRF
Bus Turnaround Error Timeout Flag — This bit is set if a bus turnaround timeout error has occurred. The USB
module uses a bus turnaround timer to keep track of the amount of time elapsed between the token and data
phases of a SETUP or OUT TOKEN or the data and handshake phases of an IN TOKEN. If more than 16-bit
times are counted from the previous EOP before a transition from IDLE, a bus turnaround timeout error will occur.
0 No bus turnaround timeout error has been detected
1 A bus turnaround timeout error has occurred
Table 17-10. INTENB Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com