công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 299 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 299 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 295Page - NXP Semiconductors HCS08 Datasheet HTML 296Page - NXP Semiconductors HCS08 Datasheet HTML 297Page - NXP Semiconductors HCS08 Datasheet HTML 298Page - NXP Semiconductors HCS08 Datasheet HTML 299Page - NXP Semiconductors HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors HCS08 Datasheet HTML 303Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
299
17.3.1
USB Control Register 0 (USBCTL0)
17.3.2
Peripheral ID Register (PERID)
The PERID reads back the value of 0x04. This value is defined for the USB module peripheral.
76
54
321
0
R0
USBPU
USBRES
MEN
LPRESF
0
USBVREN
0
USBPHYEN
W USBRESET
Reset
0
00
000
00
= Unimplemented or Reserved
Figure 17-3. USB Transceiver and Regulator Control Register 0 (USBCTL0)
Table 17-4. USBCTL0 Field Descriptions
Field
Description
7
USBRESET
USB Reset — This bit generates a hard reset of the USB module, USBPHYEN and USBVREGEN bits will also
be cleared. (need remember to restart USB Transceiver and USB voltage regulator).
When set to 1, this bit automatically clears when the reset occurs.
0 USB module normal operation
1 Returns the USB module to its reset state
6
USBPU
Pull Up Source — This bit determines the source of the pullup resistor on the USBDP line.
0 Internal USBDP pullup resistor is disabled; The application can use an external pullup resistor
1 Internal USBDP pullup resistor is enabled
5
USBRESMEN
USB Low-Power Resume Event Enable — This bit, when set, enables the USB module to send an
asynchronous wakeup interrupt to the MCU upon detection that the LPRESF bit has been set, indicating
a K-state on the USB bus. This bit must be set before entering low-power stop3 mode only after SLEEPF=1 (USB
is entering suspend mode). It must be cleared immediately after stop3 recovery in order to clear the Low-Power
Resume Flag.
0 USB asynchronous wakeup from suspend mode disabled
1 USB asynchronous wakeup from suspend mode enabled
4
LPRESF
Low-Power Resume Flag — This bit becomes set in USB suspend mode if USBRESMEN=1 and a K-state is
detected on the USB bus, indicating resume signaling while the device is in a low-power stop3 mode. This flag
bit will trigger an asynchronous interrupt, which will wake the device from stop3. Firmware must then clear the
USBRESMEN bit in order to clear the LPRESF bit.
0 No K-state detected on the USB bus while the device is in stop3 and the USB is suspended.
1 K-state detected on the USB bus when USBRESMEN=1, the device is in stop3, and the USB is suspended.
2
USBVREN
USB Voltage Regulator Enable — This bit enables the on-chip 3.3V USB voltage regulator.
0 On-chip USB voltage regulator is disabled (OFF MODE)
1 On-chip USB voltage regulator is enabled for active or standby mode
0
USBPHYEN
USB Transceiver Enable — When the USB Transceiver (XCVR) is disabled, USBDP and USBDN are hi-Z. It is
recommended that the XCVR be enabled before setting the USBEN bit in the CTL register. The firmware must
ensure that the XCVR remains enabled when entering USB SUSPEND mode.
0 On-chip XCVR is disabled
1 On-chip XCVR is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com