công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 298 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 298 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 294Page - NXP Semiconductors HCS08 Datasheet HTML 295Page - NXP Semiconductors HCS08 Datasheet HTML 296Page - NXP Semiconductors HCS08 Datasheet HTML 297Page - NXP Semiconductors HCS08 Datasheet HTML 298Page - NXP Semiconductors HCS08 Datasheet HTML 299Page - NXP Semiconductors HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
298
Freescale Semiconductor
17.2
External Signal Description
The USB module requires both data and power pins. Table 17-3 describes each of the USB external pin
17.2.1
USBDP
USBDP is the positive USB differential signal. In a USB peripheral application, connect an external
33
Ω ±1% resistor in series with this signal in order to meet the USB Specification Rev. 2.0 impedance
requirement.
17.2.2
USBDN
USBDN is the negative USB differential signal. In a USB peripheral application, connect an external
33
Ω ±1% resistor in series with this signal in order to meet the USB Specification, Rev. 2.0 impedance
requirement.
17.2.3
VUSB33
VUSB33 is connected to the on-chip 3.3-V voltage regulator (VREG). VUSB33 maintains an output voltage
of 3.3 V and can only source enough current for USB internal transceiver (XCVR) and USB pullup
resistor. If the VREG is disabled by software, the application must input an external 3.3 V power supply
to the USB module via VUSB33.
17.3
Register Definition
This section describes the memory map and control/status registers for the USB module.
Table 17-3. USB External Pins
Name
Port
Direction
Function
Reset State
Positive USB differential signal
USBDP
I/O
Differential USB signaling.
High
impedance
Negative USB differential signal
USBDN
I/O
Differential USB signaling.
High
impedance
USB voltage regulator power pin
VUSB33
Power
3.3 V USB voltage regulator output
or 3.3 V USB transceiver/resistor
supply input.
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com