công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 301 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 301 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 297Page - NXP Semiconductors HCS08 Datasheet HTML 298Page - NXP Semiconductors HCS08 Datasheet HTML 299Page - NXP Semiconductors HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors HCS08 Datasheet HTML 303Page - NXP Semiconductors HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
301
17.3.5
Interrupt Status Register (INTSTAT)
The INTSTAT contains bits for each of the interrupt source within the USB module. Each of these bits is
qualified with its respective interrupt enable bits (see the interrupt enable register). All bits of the register
are logically OR'ed together to form a single interrupt source for the microcontroller. Once an interrupt bit
has been set, it may only be cleared by writing a 1 to the respective interrupt bit. This register will contain
the value of 0x00 after a reset.
Table 17-7. REV Field Descriptions
Field
Description
8–0
REV[7:0]
Revision — Revision number of the USB module.
76
54
321
0
R
STALLF
0
RESUMEF
SLEEPF
TOKDNEF
SOFTOKF
ERRORF
USBRSTF
W
Reset
0
00
000
00
= Unimplemented or Reserved
Figure 17-8. Interrupt Status Register (INTSTAT)
Table 17-9. INTSTAT Field Descriptions
Field
Description
7
STALLF
Stall Flag — The stall interrupt is used in device mode. In device mode the stall flag is asserted when a STALL
handshake is sent by the serial interface engine (SIE).
0 A STALL handshake has not been sent
1 A STALL handshake has been sent
5
RESUMEF
Resume Flag — This bit is set 2.5
μs after clocks to the USB module have restarted following resume signaling.
It can be used to indicate remote wakeup signaling on the USB bus. This interrupt is enabled only when the
USB module is about to enter suspend mode (usually when SLEEPF interrupt detected).
0 No RESUME observed
1 RESUME detected (K-state is observed on the USBDP/USBDN signals for 2.5
μs)
4
SLEEPF
Sleep Flag — This bit is set if the USB module has detected a constant idle on the USB bus for 3 ms, indicating
that the USB module will go into suspend mode. The sleep timer is reset by activity on the USB bus.
0 No constant idle state of 3 ms has been detected on the USB bus
1 A constant idle state of 3 ms has been detected on the USB bus
3
TOKDNEF
Token Complete Flag — This bit is set when the current transaction is completed. The firmware must
immediately read the STAT register to determine the endpoint and BD information. Clearing this bit (by setting it
to 1) causes the STAT register to be cleared or the STAT FIFO holding register to be loaded into the STAT register.
0 No tokens being processed are complete
1 Current token being processed is complete
2
SOFTOKF
SOF Token Flag — This bit is set if the USB module has received a start of frame (SOF) token.
0 The USB module has not received an SOF token
1 The USB module has received an SOF token



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com