công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 297 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 297 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 293Page - NXP Semiconductors HCS08 Datasheet HTML 294Page - NXP Semiconductors HCS08 Datasheet HTML 295Page - NXP Semiconductors HCS08 Datasheet HTML 296Page - NXP Semiconductors HCS08 Datasheet HTML 297Page - NXP Semiconductors HCS08 Datasheet HTML 298Page - NXP Semiconductors HCS08 Datasheet HTML 299Page - NXP Semiconductors HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
297
17.1.6
Block Diagram
Figure 17-2 is a block diagram of the USB module.
Figure 17-2. USB Module Block Diagram
Stop3
The USB module is optionally available in stop3.
A reduced current consumption mode may be required for USB suspend mode per USB Specification Rev. 2.0,
and stop3 mode is useful for achieving lower current consumption for the MCU and hence the overall USB
device. Before entering stop3 via firmware, the user must ensure that the device settings are configured for
stop3 to achieve USB suspend current consumption targets.
The USB module is notified about entering suspend mode when the SLEEPF flag is set; this occurs after the
USB bus is idle for 3 ms. The device USB suspend mode current consumption level requirements are defined
by the USB Specification Rev. 2.0 (500
μA for low-power and 2.5 mA for high-power with remote-wakeup
enabled).
If USBRESMEN in USBCTL0 is set, and a K-state (resume signaling) is detected on the USB bus, the LPRESF
bit in USBCTL0 will be set. This triggers an asynchronous interrupt that will wakeup the MCU from stop3 mode
and enable clocks to the USB module. The USBRESMEN bit must then be cleared immediately after stop3
recovery to clear the LPRESF flag bit.
Wait
USB module is operational.
Table 17-2. Operating Modes (continued)
Mode
Description
USB RAM
256 bytes
IRQ
USBDP
USBDN
Serial Interface Engine
USB CONTROLLER
XCVR
VREG
Protocol and Rate
Match
VUSB33
BVCI
Target
TX
Logic
BVCI
Initiator
RX
Logic
48-MHz Reference Clock
24-MHz Clock (bus clk)
Enable
(SIE)
USBDP Pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com