công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 296 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 296 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 292Page - NXP Semiconductors HCS08 Datasheet HTML 293Page - NXP Semiconductors HCS08 Datasheet HTML 294Page - NXP Semiconductors HCS08 Datasheet HTML 295Page - NXP Semiconductors HCS08 Datasheet HTML 296Page - NXP Semiconductors HCS08 Datasheet HTML 297Page - NXP Semiconductors HCS08 Datasheet HTML 298Page - NXP Semiconductors HCS08 Datasheet HTML 299Page - NXP Semiconductors HCS08 Datasheet HTML 300Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
296
Freescale Semiconductor
17.1.4
Features
Features of the USB module include:
•
USB 2.0 compliant
— 12 Mbps full-speed (FS) data rate
— USB data control logic:
– Packet identification and decoding/generation
– CRC generation and checking
– NRZI (non-return-to-zero inverted) encoding/decoding
– Bit-stuffing
– Sync detection
– End-of-packet detection
•
Seven USB endpoints
— Bidirectional endpoint 0
— Six unidirectional data endpoints configurable as interrupt, bulk, or isochronous
— Endpoints 5 and 6 support double-buffering
•USB RAM
— 256 bytes of buffer RAM shared between system and USB module
— RAM may be allocated as buffers for USB controller or extra system RAM resource
•
USB reset options
— USB module reset generated by MCU
— Bus reset generated by the host, which triggers a CPU interrupt
•
Suspend and resume operations with remote wakeup support
•
Transceiver features
— Converts USB differential voltages to digital logic signal levels
•
On-chip USB pullup resistor
•
On-chip 3.3-V regulator
17.1.5
Modes of Operation
Table 17-2. Operating Modes
Mode
Description
Stop1
USB module is not functional. Before entering stop1, the internal USB voltage regulator and USB transceiver
enter shutdown mode; therefore, the USB voltage regulator and USB transceiver must be disabled by firmware.
Stop2
USB module is not functional. Before entering stop2, the internal USB voltage regulator and USB transceiver
enter shutdown mode; therefore, the USB voltage regulator and USB transceiver must be disabled by firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com