công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 293 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 293 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 289Page - NXP Semiconductors HCS08 Datasheet HTML 290Page - NXP Semiconductors HCS08 Datasheet HTML 291Page - NXP Semiconductors HCS08 Datasheet HTML 292Page - NXP Semiconductors HCS08 Datasheet HTML 293Page - NXP Semiconductors HCS08 Datasheet HTML 294Page - NXP Semiconductors HCS08 Datasheet HTML 295Page - NXP Semiconductors HCS08 Datasheet HTML 296Page - NXP Semiconductors HCS08 Datasheet HTML 297Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 374 page
background image
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
293
Chapter 17
Universal Serial Bus Device Controller (S08USBV1)
17.1
Introduction
This chapter describes an universal serial bus device controller (S08USBV1) module that is based on the
Universal Serial Bus Specification Rev 2.0. The USB bus is designed to replace existing bus interfaces
such as RS-232, PS/2, and IEEE 1284 for PC peripherals.
The S08USBV1 module provides a single-chip solution for full-speed (12 Mbps) USB device applications,
and integrates the required transceiver with Serial Interface Engine (SIE), 3.3 V regualtor, Endpoint RAM
and other control logics.
17.1.1
Clocking Requirements
The S08USBV1 requires two clock sources, the 24 MHz bus clock and a 48 MHz reference clock. The
48 MHz clock is sourced directly from MCGOUT. To achieve the 48 MHz clock rate, the MCG must be
configured properly for PLL engaged external (PEE) mode with an external crystal.
For USB operation, examples of MCG configuration using PEE mode include:
•
2 MHz crystal – RDIV = 000 and VDIV = 0110
•
4 MHz crystal – RDIV = 001 and VDIV = 0110
17.1.2
Current Consumption in USB Suspend
In USB suspend mode, the USB device current consumption is limited to 500
μA. When the USB device
goes into suspend mode, the firmware typically enters stop3 to meet the USB suspend requirements on
current consumption.
NOTE
Enabling LVD increases current consumption in stop3. Consequently, when
trying to satisfy USB suspend requirements, disabling LVD before entering
stop3.
17.1.3
3.3 V Regulator
If using an external 3.3 V regulator as an input to VUSB33 (only when USBVREN = 0), the supply voltage,
VDD, must not fall below the input voltage at the VUSB33 pin. If using the internal 3.3 V regulator
(USBVREN = 1), do not connect an external supply to the VUSB33 pin. In this case, VDD must fall between
3.9 V and 5.5 V for the internal 3.3 V regulator to operate correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com