công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 291 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 291 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 287Page - NXP Semiconductors HCS08 Datasheet HTML 288Page - NXP Semiconductors HCS08 Datasheet HTML 289Page - NXP Semiconductors HCS08 Datasheet HTML 290Page - NXP Semiconductors HCS08 Datasheet HTML 291Page - NXP Semiconductors HCS08 Datasheet HTML 292Page - NXP Semiconductors HCS08 Datasheet HTML 293Page - NXP Semiconductors HCS08 Datasheet HTML 294Page - NXP Semiconductors HCS08 Datasheet HTML 295Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 374 page
background image
Timer/PWM Module (S08TPMV3)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
291
to enable hardware interrupt generation. While the interrupt enable bit is set, a static interrupt will generate
whenever the associated interrupt flag equals one. The user’s software must perform a sequence of steps
to clear the interrupt flag before returning from the interrupt-service routine.
TPM interrupt flags are cleared by a two-step process including a read of the flag bit while it is set (1)
followed by a write of zero (0) to the bit. If a new event is detected between these two steps, the sequence
is reset and the interrupt flag remains set after the second step to avoid the possibility of missing the new
event.
16.6.2.1
Timer Overflow Interrupt (TOF) Description
The meaning and details of operation for TOF interrupts varies slightly depending upon the mode of
operation of the TPM system (general purpose timing functions versus center-aligned PWM operation).
The flag is cleared by the two step sequence described above.
16.6.2.1.1
Normal Case
Normally TOF is set when the timer counter changes from 0xFFFF to 0x0000. When the TPM is not
configured for center-aligned PWM (CPWMS=0), TOF gets set when the timer counter changes from the
terminal count (the value in the modulo register) to 0x0000. This case corresponds to the normal meaning
of counter overflow.
16.6.2.1.2
Center-Aligned PWM Case
When CPWMS=1, TOF gets set when the timer counter changes direction from up-counting to
down-counting at the end of the terminal count (the value in the modulo register). In this case the TOF
corresponds to the end of a PWM period.
16.6.2.2
Channel Event Interrupt Description
The meaning of channel interrupts depends on the channel’s current mode (input-capture, output-compare,
edge-aligned PWM, or center-aligned PWM).
16.6.2.2.1
Input Capture Events
When a channel is configured as an input capture channel, the ELSnB:ELSnA control bits select no edge
(off), rising edges, falling edges or any edge as the edge which triggers an input capture event. When the
selected edge is detected, the interrupt flag is set. The flag is cleared by the two-step sequence described
in Section 16.6.2, “Description of Interrupt Operation.”
16.6.2.2.2
Output Compare Events
When a channel is configured as an output compare channel, the interrupt flag is set each time the main
timer counter matches the 16-bit value in the channel value register. The flag is cleared by the two-step
sequence described Section 16.6.2, “Description of Interrupt Operation.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com