công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCS08 bảng dữ liệu(PDF) 302 Page - NXP Semiconductors

tên linh kiện HCS08
Giải thích chi tiết về linh kiện  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 bảng dữ liệu(HTML) 302 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 298Page - NXP Semiconductors HCS08 Datasheet HTML 299Page - NXP Semiconductors HCS08 Datasheet HTML 300Page - NXP Semiconductors HCS08 Datasheet HTML 301Page - NXP Semiconductors HCS08 Datasheet HTML 302Page - NXP Semiconductors HCS08 Datasheet HTML 303Page - NXP Semiconductors HCS08 Datasheet HTML 304Page - NXP Semiconductors HCS08 Datasheet HTML 305Page - NXP Semiconductors HCS08 Datasheet HTML 306Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 374 page
background image
Universal Serial Bus Device Controller (S08USBV1)
MC9S08JM60 Series Data Sheet, Rev. 5
302
Freescale Semiconductor
17.3.6
Interrupt Enable Register (INTENB)
The INTENB contains enabling bits for each of the interrupt sources within the USB module. Setting any of these
bits will enable the respective interrupt source in the INTSTAT register. This register will contain the value of 0x00
after a reset, i.e. all interrupts disabled.
1
ERRORF
Error Flag — This bit is set when any of the error conditions within the ERRSTAT register has occurred. The
firmware must then read the ERRSTAT register to determine the source of the error.
0 No error conditions within the ERRSTAT register have been detected
1 Error conditions within the ERRSTAT register have been detected
0
USBRSTF
USB Reset Flag —This bit is set when the USB module has decoded a valid USB reset. When asserted, this bit
will inform the MCU to automatically write 0x00 to the address register and to enable endpoint 0. USBRSTF is
set once a USB reset has been detected for 2.5
μs. It will not be asserted again until the USB reset condition has
been removed, and then reasserted.
0 No USB reset observed
1 USB reset detected
76
54
321
0
R
STALL
0
RESUME
SLEEP
TOKDNE
SOFTOK
ERROR
USBRST
W
Reset
0
00
000
00
Figure 17-9. Interrupt Enable Register (INTENB)
Table 17-10. INTENB Field Descriptions
Field
Description
7
STALL
STALL Interrupt Enable — Setting this bit will enable STALL interrupts.
0 Interrupt disabled
1 Interrupt enabled
5
RESUME
RESUME Interrupt Enable — Setting this bit will enable RESUME interrupts.
0 Interrupt disabled
1 Interrupt enabled
4
SLEEP
SLEEP Interrupt Enable — Setting this bit will enable SLEEP interrupts.
0 Interrupt disabled
1 Interrupt enabled
3
TOKDNE
TOKDNE Interrupt Enable — Setting this bit will enable TOKDNE interrupts.
0 Interrupt disabled
1 Interrupt enabled
2
SOFTOK
SOFTOK Interrupt Enable — Setting this bit will enable SOFTOK interrupts.
0 Interrupt disabled
1 Interrupt enabled
Table 17-9. INTSTAT Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com